Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1208U0M-YCB0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9K1208U0M-YCB0
Description  64M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1208U0M-YCB0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9K1208U0M-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 9Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 10Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 11Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 12Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 13Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 14Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
K9K1208U0M-YCB0, K9K1208U0M-YIB0
FLASH MEMORY
11
Erase Flow Chart
Start
I/O 6 = 1 ?
I/O 0 = 0 ?
No
*
Write 60h
Write Block Address
Write D0h
Read Status Register
or R/B = 1 ?
Erase Error
Yes
No
: If erase operation results in an error, map out
the failing block and replace it with another block.
*
Erase Completed
Yes
Read Flow Chart
Start
Verify ECC
No
Write 00h
Write Address
Read Data
ECC Generation
Reclaim the Error
Page Read Completed
Yes
Block Replacement
NAND Flash Technical Notes (Continued)
When the error happens with page "a" of Block "A", try
to write the data into another Block "B" from an exter-
nal buffer. Then, prevent further system access to
Block "A" (by creating a "invalid block" table or other
appropriate scheme.)
Buffer
memory
error occurs
Block A
Block B
Page a


Similar Part No. - K9K1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0C SAMSUNG-K9K1208U0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com