Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1456NEK4 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1456NEK4
Description  Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456NEK4 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456NEK4 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - SIDE VIEW (OPEN)
ASSEMBLY - REAR VIEW (OPEN)
TOP PANEL - BOTTOM VIEW
ENCLOSURE CASE - BOTTOM VIEW
S e lf A dhes ive R ubber F e et Inc luded
Re gu ired Hard ware In c lud e d
1456N E K 4
Be i g e To p, B lue C as e - 14 5 6NEK4 W HBU
R e plac em en t S c rew s - 1421-J6 (6 pc s . )
E n c los ure C a s e - 12 ga. A lum inum
Bl a c k Top, B lue C a s e - 1 4 56 N EK 4 BKBU
Top P anel S iz e s to 14" W ide - 14 ga. A lum inum
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
1456NEK4
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
96.39 mm
[3.795 in]
147.64 mm
[5.813 in]
148.29 mm
[5.838 in]
101.60 mm
[4.000 in]
247.65 mm
[9.750 in]
R2.44 mm
[0.096 in]
4X
219.08 mm
[8.625 in]
244.40 mm
[9.622 in]
93.14 mm
[3.667 in]
101.60 mm
[4.000 in]
254.00 mm
[10.000 in]
R6.35 mm
[0.250 in]
2X
230.51 mm
[9.075 in]
236.55 mm
[9.313 in]
136.21 mm
[5.363 in]
247.65 mm
[9.750 in]
127.01 mm
[5.001 in]
236.52 mm
[9.312 in]
152.40 mm
[6.000 in]
127.13 mm
[5.005 in]
n4.80 mm
[0.189 in]
4X
n2.79 mm
[0.110 in]
8X
n4.34 mm
[0.171 in]
4X
14.29 mm
[0.563 in]


Similar Part No. - 1456NEK4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1456 APITECH-1456 Datasheet
518Kb / 1P
   High Power, N Connectors
1456-3 APITECH-1456-3 Datasheet
518Kb / 1P
   High Power, N Connectors
1456-4 APITECH-1456-4 Datasheet
518Kb / 1P
   High Power, N Connectors
logo
PHOENIX CONTACT
1456019 PHOENIX-1456019 Datasheet
391Kb / 9P
   SACC-DSI-M 8MS-4CON-L180 SH - Device connector, rear mounting
logo
AVX Corporation
145602016001829 AVX-145602016001829 Datasheet
256Kb / 4P
   0.4 Series 5602 mmPitch
More results

Similar Description - 1456NEK4

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456PL3 HAMMOND-1456PL3 Datasheet
221Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456WK4 HAMMOND-1456WK4 Datasheet
252Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G10 HAMMOND-195G10 Datasheet
186Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G30 HAMMOND-195G30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195K16 HAMMOND-195K16 Datasheet
169Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195M30 HAMMOND-195M30 Datasheet
183Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195S4 HAMMOND-195S4 Datasheet
146Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
196B50 HAMMOND-196B50 Datasheet
152Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
290VX HAMMOND-290VX Datasheet
232Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
R191-152-000 HAMMOND-R191-152-000 Datasheet
869Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195C30 HAMMOND-195C30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com