Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1456KK4 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1456KK4
Description  Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456KK4 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456KK4 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - SIDE VIEW (OPEN)
ASSEMBLY - REAR VIEW (OPEN)
ENCLOSURE CASE - BOTTOM VIEW
TOP PANEL - BOTTOM VIEW
DETAIL A
DETAIL B
S e lf A dhes ive R ubber F e et Inc luded
Re gu ired Hard ware In c lud e d
1456K K 4
Be i g e To p, B lue C as e - 14 5 6KK4 W HBU
R e plac em en t S c rew s - 1421-J6 (6 pc s . )
E n c los ure C a s e - 12 ga. A lum inum
Bl a c k Top, B lue C a s e - 1 4 56 KK4BKBU
Top P anel S iz e s to 14" W ide - 14 ga. A lum inum
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
B
1456KK4
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
254.51 mm
[10.020 in]
106.83 mm
[4.206 in]
15.88 mm
[0.625 in]
254.00 mm
[10.000 in]
239.29 mm
[9.421 in]
242.80 mm
[9.559 in]
248.84 mm
[9.797 in]
259.94 mm
[10.234 in]
14.29 mm
[0.563 in]
133.33 mm
[5.249 in]
145
.93
mm
[5.
745
in]
28.39 mm
[1.118 in]
25.54 mm
[1.006 in]
30.0°
231.37 mm
[9.109 in]
256.69 mm
[10.106 in]
137.39 mm
[5.409 in]
148
.36
mm
[5.
841
in]
31.92 mm
[1.257 in]
R6.35 mm
[0.250 in]
R4.76 mm
[0.188 in]
R2.44 mm
[0.096 in]
5X
266.29 mm
[10.484 in]
248.82 mm
[9.796 in]
18.19 mm
[0.716 in]
25.40 mm
[1.000 in]
233.35 mm
[9.187 in]
190.50 mm
[7.500 in]
233.38 mm
[9.188 in]
242.57 mm
[9.550 in]
n4.80 mm
[0.189 in]
4X
n2.79 mm
[0.110 in]
8X
3.18 mm
[0.125 in]
6.35 mm
[0.250 in]
22.23 mm
[0.875 in]
22.23 mm
[0.875 in]
3.18 mm
[0.125 in]
6.35 mm
[0.250 in]
258.62 mm
[10.182 in]
n4.34 mm
[0.171 in]
4X
30.0°
72.21 mm
[2.843 in]
101.60 mm
[4.000 in]
98.35 mm
[3.872 in]


Similar Part No. - 1456KK4

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456KE3 HAMMOND-1456KE3 Datasheet
236Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KE3BKBU HAMMOND-1456KE3BKBU Datasheet
236Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KE3WHBU HAMMOND-1456KE3WHBU Datasheet
236Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KG4 HAMMOND-1456KG4 Datasheet
228Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456KG4BKBU HAMMOND-1456KG4BKBU Datasheet
228Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results

Similar Description - 1456KK4

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456PL3 HAMMOND-1456PL3 Datasheet
221Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456WK4 HAMMOND-1456WK4 Datasheet
252Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G10 HAMMOND-195G10 Datasheet
186Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G30 HAMMOND-195G30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195K16 HAMMOND-195K16 Datasheet
169Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195M30 HAMMOND-195M30 Datasheet
183Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195S4 HAMMOND-195S4 Datasheet
146Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
196B50 HAMMOND-196B50 Datasheet
152Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
290VX HAMMOND-290VX Datasheet
232Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
R191-152-000 HAMMOND-R191-152-000 Datasheet
869Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195C30 HAMMOND-195C30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com