Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMES40-3.3SMAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMES40-3.3SMAZ
Description  40 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMES40-3.3SMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMES40-3.3SMAZ Datasheet HTML 1Page - AIMTEC AMES40-3.3SMAZ Datasheet HTML 2Page - AIMTEC AMES40-3.3SMAZ Datasheet HTML 3Page - AIMTEC AMES40-3.3SMAZ Datasheet HTML 4Page - AIMTEC AMES40-3.3SMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMES40-MAZ
40 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.Q
1 of 5
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC
)
Output Voltage
(V)
Output Current
max
(A)
Efficiency
(%)
AMES40-3.3SMAZ
90-264/47-440
130-370
3.3
8
78
AMES40-5SMAZ
90-264/47-440
130-370
5
8
82
AMES40-12SMAZ
90-264/47-440
130-370
12
3.33
84
AMES40-15SMAZ
90-264/47-440
130-370
15
2.66
83
AMES40-24SMAZ
90-264/47-440
130-370
24
1.66
82
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Output Voltage
(V)
Output Current
max
(A)
Efficiency
(%)
AMES40-5DMAZ
90-264/47-440
130-370
±5
±4
80
AMES40-12DMAZ
90-264/47-440
130-370
±12
±1.66
85
AMES40-15DMAZ
90-264/47-440
130-370
±15
±1.33
82
AMES40-24DMAZ
90-264/47-440
130-370
±24
±0.835
77
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115 VAC
1000
mA
230 VAC
530
Inrush current <2ms
115 VAC
25
A
230 VAC
50
Leakage current
150
µA
External fuse
Recommended slow blow type
3.15
A
Input dissipation
No load
≤0.5
W
Start-up time
117
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
(LL-HL)
±0.5
%
Load regulation
0-100% load single
±1
%
0-100% load dual
±2
Cross regulation
25% load - 1st out, 100% load – 2nd out
±5
%
Maximum Capacitive load
Depending of the model
470-23 000
µF
Transient response deviation
25% load Step
±2
% of Vout
Ripple & Noise*
20MHz bandwidth
50
mV p-p
Hold-up time (min)
115VAC
29
ms
Minimum Load Current
0
% of Max
*Ripple & Noise measured with 0.1μF M/C and 1μF E/C
 Screw terminals on the input/output
 Energy star compliant
 Operating temperature: -40°C to +85°C
 4000VAC I/O isolation
 Over load, Over voltage, Short circuit protection
 Low ripple and noise
 Universal Input: 90-264VAC, 47-440Hz, or 130-370VDC
 CE, cULus, CB approvals
CB
Click on Series name for product info on aimtec.com


Similar Part No. - AMES40-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES40-3.3SMAZ AIMTEC-AMES40-3.3SMAZ Datasheet
1,010Kb / 4P
   40 Watt | AC/DC Converter
AMES40-3.3SMAZ AIMTEC-AMES40-3.3SMAZ Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-3.3SMAZ AIMTEC-AMES40-3.3SMAZ Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMES40-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ-1 AIMTEC-AMEC40-MAZ-1_16 Datasheet
574Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_16 Datasheet
214Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_13 Datasheet
462Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ-1 AIMTEC-AME40-MAZ-1_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_16 Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com