Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOR30-24140AZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEOR30-24140AZ
Description  up to 2.5A | AC-DC / DC-DC LED driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR30-24140AZ Datasheet(HTML) 3 Page - AIMTEC

  AMEOR30-24140AZ Datasheet HTML 1Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 2Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 3Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 4Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 5Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 6Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 7Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 8Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Series AMEOR30-AZ
up to 2.5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
3 of 15
North America only
Dimensions
NOTE: to adjust the output current connect a 20K Ohm pot between blue and white wire
Wire connection:
AMEOR30-AZ Analog (resistive) Dimming Application Circuit
Wire
Connection
Brown
AC L
Blue
AC N
Green
Ground
Red
+V output
Black
-V Output
Blue (Dimming)
+ Vs dimming
White (Dimming)
-Vs dimming
Model Number
Maximum Pot
Value (kΩ)
AMEPR30-5070AZ
9.00
AMEPR30-4864AZ
9.00
AMEPR30-36100AZ
9.00
AMEPR30-24140AZ
26.00
AMEPR30-12250AZ
26.10


Similar Part No. - AMEOR30-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30-24140AZ AIMTEC-AMEOR30-24140AZ Datasheet
897Kb / 14P
   DC-DC LED driver
AMEOR30-24140AZ AIMTEC-AMEOR30-24140AZ Datasheet
762Kb / 15P
   Over Temperature Protection
AMEOR30-24140AZ AIMTEC-AMEOR30-24140AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
More results

Similar Description - AMEOR30-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-AZ AIMTEC-AMEPR30-AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com