Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOR30C-36100AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEOR30C-36100AZ
Description  up to 2.5A | AC-DC / DC-DC LED driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR30C-36100AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEOR30C-36100AZ Datasheet HTML 1Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 2Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 3Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 4Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 5Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 6Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 7Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 8Page - AIMTEC AMEOR30C-36100AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Series AMEOR30C-AZ
up to 2.5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.D
1 of 17
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W)
*
Output
Voltage
Range (V)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Efficiency
(%)
AMEOR30C-5070AZ
35
36-50
0.7
90-305/47-440
130-430
86
AMEOR30C-4864AZ
30.72
36-48
0.64
90-305/47-440
130-430
86
AMEOR30C-36100AZ
36
24-36
1
90-305/47-440
130-430
85
AMEOR30C-24140AZ
33.6
12-24
1.4
90-305/47-440
130-430
84
AMEOR30C-12250AZ
30
5-12
2.5
90-305/47-440
130-430
83
*Exceeding the maximum output power will permanently damage the converter
All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to
part number when ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/305VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-sale
AMEOR30C-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
25
A
230VAC
40
Leakage current
115VAC
0.3
mA
230VAC
0.5
AC current
115VAC
0.33
A
230VAC
0.16
Power Factor
115VAC
0.99
230VAC
0.97
External fuse
250V/1A
Start up time
450
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise *
20MHz Bandwidth
75
mV p-p
Hold-up time
50
ms
Current adjustment range
100-0
%
Minimum Load Voltage
See the models table
* Tested with 0.1µF (M/C) or (C/C) and 47µF (E/C) parallel capacitors at the end.
 AC-DC Constant current LED Driver
 Over Temperature Protection
 Input range 90-305VAC/47-440Hz
 Open frame
 High Efficiency up to 86%
 Power Factor Correction
 Operating temperature -40 to 80°C
 Dimmable via Analog / 0-10Vdc / PWM
 SCP, Over Current Protection
 5 Year Limited Warranty
Click on Series name for product info on aimtec.com


Similar Part No. - AMEOR30C-36100AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30C-36100AZ AIMTEC-AMEOR30C-36100AZ Datasheet
897Kb / 14P
   DC-DC LED driver
AMEOR30C-36100AZ AIMTEC-AMEOR30C-36100AZ Datasheet
853Kb / 17P
   Over Temperature Protection
More results

Similar Description - AMEOR30C-36100AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-AZ AIMTEC-AMEOR30-AZ_16 Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-AZ AIMTEC-AMEPR30-AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com