Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR8D-2435AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR8D-2435AZ
Description  up to 0.7A | AC-DC LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR8D-2435AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR8D-2435AZ Datasheet HTML 1Page - AIMTEC AMEPR8D-2435AZ Datasheet HTML 2Page - AIMTEC AMEPR8D-2435AZ Datasheet HTML 3Page - AIMTEC AMEPR8D-2435AZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEPR8D-AZ
up to 0.7A | AC-DC LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
1 of 4
North America only
FEATURES:
Models
Single output
Model
Max Output
Power
(W)
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Efficiency
(%)
115
VAC
230
VAC
AMEPR8D-2435AZ
8.4
12-24
34
0.35
90-264/47-440
79
80
AMEPR8D-1840AZ
7.2
9-18
20
0.4
90-264/47-440
77
79
AMEPR8D-1270AZ
8.4
6-12
15
0.7
90-264/47-440
75
78
*Exceeding the maximum output power will permanently damage the converter.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
AMEPR8D-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
85
mA
230 VAC
50
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
5
A
Leakage current
230 VAC
0.02
mA
Power factor
115 VAC (full load)
0.98
230 VAC (full load)
0.95
External fuse
Recommended slow blow type
1
A
Start-up time
100
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±15
%
Line regulation
(LL-HL)
±0.5
%
Load regulation
min.-max. load
±5
%
Ripple & Noise*
1.6
V p-p
Hold-up time
28
ms
Minimum load voltage
See the models table
Maximum Capacitive Load
200
µF
*Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 220µF (E/C) parallel capacitor.
• AC-DC Constant Current LED Driver
• IP67 Case
• Input Range 90-264VAC/47-440Hz
• Active PFC and TRIAC dimmable
• High Efficiency up to 80%
• Operating Temperature -20 to 85°C
• Total Harmonic Distortion < 20%
• SCP, Over Load Protection
• Leading or Trailing Edge Triac
Click on Series name for product info on aimtec.com


Similar Part No. - AMEPR8D-2435AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
259Kb / 4P
   Leading or Trailing Edge Triac
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
More results

Similar Description - AMEPR8D-2435AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ_16 Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR10D-5020AZUD AIMTEC-AMEPR10D-5020AZUD Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com