Electronic Components Datasheet Search |
|
74CBTLV16211PAG Datasheet(PDF) 3 Page - Integrated Device Technology |
|
74CBTLV16211PAG Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 5 page 3 INDUSTRIALTEMPERATURERANGE IDT74CBTLV16211 LOW-VOLTAGE 24-BIT BUS SWITCH DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FollowingConditionsApplyUnlessOtherwiseSpecified: Operating Condition: TA = –40°C to +85°C NOTES: 1. Typical values are at 3.3V, +25°C ambient. 2. The increase in supply current is attributable to each input that is at the specified voltage level rather than VCC or GND. 3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch. Symbol Parameter Test Conditions Min. Typ.(1) Max. Unit VIK Control Inputs, Data I/O VCC = 3V, II = –18mA — — –1.2 V II ControlInputs VCC = 3.6V, VI = VCC or GND — — ±1 μA IOZ Data I/O VCC = 3.6V, VO = 0V or 3.6V switch disabled — — 5 μA IOFF VCC = 0V, VI or VO = 0V or 3.6V — — 10 μA ICC VCC = 3.6V, IO = 0, VI = VCC or GND — — 10 μA ΔICC(2) ControlInputs VCC = 3.6V, one input at 3V, other inputs at VCC or GND — — 300 μA CI ControlInputs VI = 3V or 0 — 4 — pF CIO(OFF) VO = 3V or 0, OE = VCC — 6.5 — pF Max. at VCC = 2.3V VI = 0 IO = 64mA — 5 8 Typ. at VCC = 2.5V IO = 24mA — 5 8 RON(3) VI = 1.7V IO = 15mA — 27 40 Ω VI = 0 IO = 64mA — 5 7 VCC = 3V IO = 24mA — 5 7 VI = 2.4V IO = 15mA — 10 15 VCC = 2.5V ± 0.2V VCC = 3.3V ± 0.3V Symbol Parameter Min. Max. Min. Max. Unit tPD(1) PropagationDelay — 0.15 — 0.25 ns A to B or B to A tEN OutputEnableTime 1 7 1 6.2 ns OE to A or B tDIS OutputDisabletime 1 7.2 1 7.7 ns OE to A or B NOTE: 1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impededance). SWITCHINGCHARACTERISTICS |
Similar Part No. - 74CBTLV16211PAG |
|
Similar Description - 74CBTLV16211PAG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |