Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40C7000-4000 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # B40C7000-4000
Description  Silicon-Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

B40C7000-4000 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  B40C7000-4000 Datasheet HTML 1Page - DIOTEC Electronics Corporation B40C7000-4000 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
1
11.02.2003
B…C 7000-4000
Silicon-Bridge Rectifiers
Silizium-Brückengleichrichter
Nominal current – Nennstrom
7.0 A / 4.0 A
Alternating input voltage
40…500 V
Eingangswechselspannung
Plastic case
32 x 5.6 x 17 [mm]
Kunststoffgehäuse
Weight approx. – Gewicht ca.
9 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
Dimensions / Maße in mm
Mounting clamp BO 2
see page 28
Befestigungsschelle BO 2
see page 28
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Alternating input voltage
Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
B40C 7000-4000
40
80
B80C 7000-4000
80
160
B125C 7000-4000
125
250
B250C 7000-4000
250
600
B380C 7000-4000
380
800
B500C 7000-4000
500
1000
Repetitive peak forward current
f > 15 Hz
I
FRM
50 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
250 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
310 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C
5.6
±0.2
32
±0.2
10
2x7.5
Ø 1.2
Type
Typ
~
+~


Similar Part No. - B40C7000-4000

ManufacturerPart #DatasheetDescription
logo
Semikron International
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
   Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
182Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
B40C7000-4000A DIOTEC-B40C7000-4000A Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
B40C7000-4000A DIOTEC-B40C7000-4000A Datasheet
161Kb / 2P
   Single Phase Bridge Rectifier
logo
Semikron International
B40C7000-4000 SEMIKRON-B40C7000-4000_06 Datasheet
182Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - B40C7000-4000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com