Electronic Components Datasheet Search |
|
VFHL1104P-4B63C-TR Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD. |
|
VFHL1104P-4B63C-TR Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD. |
11 / 21 page VFH□1104P-TR Packaging Specifications This product is baked (moisture removal) before packaging, and is shipped in moisture-proof packaging (as shown below) to minimize moisture absorption during transportation and storage. However, with regard to storing the products, Stanley recommends the use of dry-box under the following conditions is recommended. Moisture-proof bag as the packaging is made of anti-static material but packaging box is not. The package should not be opened until immediately prior to its use, and please keep the time frame between package opening and soldering which is 【maximum 168h.】 If the device needs to be soldered twice, both soldering must be completed within the 168h. If any components should remain after their use, please seal the package and store them under the conditions described in the 【 Recommended Storage Condition 】. This product must be required to perform baking process (moisture removal) for at least 24h,not exceed for 72h, at 60+±5 degrees Celsius if following conditions apply. 1. In the case of silica gel (blue) which indicates the moisture level within the package, changes or loses its blue color. 2. In the case of time is passed for 168h after the package is opened once. Baking process should be performed after LED having been taken out of the package. Baking may be performed in the tape-reel form , however if it is performed with the reel stacked over one another, it may cause deformation of the reels and taping materials and later obstruct mounting. Please handle only once it has returned to room temperature. Provided that, baking process shall be 2 times MAX. 【Time elapsed after Package Opening.】 In the case of the package unopened , 6 months under 【 Recommended Storage Condition 】. Please avoid rapid transition from low temp. condition to high temp. condition and storage in corroding and dusty environment. 【Recommended Storage Condition / Products Warranty Period 】 Temperature +5~30℃ Humidity Under 70% Page : 11 2013.6.28 |
Similar Part No. - VFHL1104P-4B63C-TR |
|
Similar Description - VFHL1104P-4B63C-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |