Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17885S-3 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS17885S-3
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885S-3 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS17885S-3 Datasheet HTML 6Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 7Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 8Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 9Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 10Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 11Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 12Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 13Page - Dallas Semiconductor DS17885S-3 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
DS17885/DS17887
10 of 38
REGISTER B
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
SET – When the SET bit is a 0, the update transfer functions normally by advancing the counts once per
second. When the SET bit is written to a 1, any update transfer is inhibited and the program can initialize
the time and calendar bytes without an update occurring in the midst of initializing. Read cycles can be
executed in a similar manner. SET is a read/write bit that is not modified by internal functions of the
DS17885/DS17887.
PIE – Periodic Interrupt Enable. The PIE bit is a read/write bit, which allows the periodic interrupt flag
(PF) bit in Register C to drive the IRQ pin low. When the PIE bit is set to 1, periodic interrupts are
generated by driving the IRQ pin low at a rate specified by the RS3–RS0 bits of Register A. A 0 in the
PIE bit blocks the IRQ output from being driven by a periodic interrupt, but the PF bit is still set at the
periodic rate. PIE is not modified by any internal DS17885/DS17887 functions.
AIE – Alarm Interrupt Enable. The AIE bit is a read/write bit which, when set to a 1, permits the alarm
flag (AF) bit in Register C to assert IRQ . An alarm interrupt occurs for each second that the three time
bytes equal the three alarm bytes, including a “don’t care” alarm code of binary 11XXXXXX. When the
AIE bit is set to 0, the AF bit does not initiate the IRQ signal. The internal functions of the
DS17885/DS17887 do not affect the AIE bit.
UIE – Update-Ended Interrupt Enable. The UIE bit is a read/write bit that enables the update-end flag
(UF) bit in Register C to assert IRQ . The SET bit going high clears the UIE bit.
SQWE – Square-Wave Enable. When the SQWE bit is set to a 1 and E32k = 0, a square-wave signal at
the frequency set by the rate-selection bits RS3 through RS0 is driven out on the SQW pin. When the
SQWE bit is set to 0and E32k = 0, the SQW pin is held low. SQWE is a read/write bit. SQWE is set to a
1 when VCC is powered up.
DM – Data Mode. The DM bit indicates whether time and calendar information is in binary or BCD
format. The DM bit is set by the program to the appropriate format and can be read as required. This bit is
not modified by internal functions. A 1 in DM signifies binary data while a 0 in DM specifies BCD data.
24/12 – 24/12-Control Bit. This bit establishes the format of the hours byte. A 1 indicates the 24-hour
mode and a 0 indicates the 12-hour mode. This bit is read/write.
DSE – Daylight Savings Enable. The DSE bit is a read/write bit that enables two special updates when
DSE is set to 1. On the first Sunday in April, the time increments from 1:59:59 AM to 3:00:00 AM. On
the last Sunday in October, when the time first reaches 1:59:59 AM, it changes to 1:00:00 AM. These
special updates do not occur when the DSE bit is a 0. This bit is not affected by internal functions.


Similar Part No. - DS17885S-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17885S-3 MAXIM-DS17885S-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885S-3++ MAXIM-DS17885S-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17885S-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com