Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108-2411 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 108-2411
Description  MEZALOK* Stacking Connector System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

108-2411 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  108-2411 Datasheet HTML 1Page - TE Connectivity Ltd 108-2411 Datasheet HTML 2Page - TE Connectivity Ltd 108-2411 Datasheet HTML 3Page - TE Connectivity Ltd 108-2411 Datasheet HTML 4Page - TE Connectivity Ltd 108-2411 Datasheet HTML 5Page - TE Connectivity Ltd 108-2411 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product
Specification
108-2411
25 FEB 16 Rev D
MEZALOK* Stacking Connector System
©2016 Tyco Electronics Corporation, a TE Connectivity Ltd. company
All Rights Reserved
| Indicates Change
This controlled document is subject to change.
For latest revision and Regional Customer Service, visit our website at www.te.com
PRODUCT INFORMATION 1-800-522-6752
1 of 6
*Trademark. TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or company names may be trademarks of their respective owners.
1.
SCOPE
1.1.
Content
This specification covers performance, tests and quality requirements for the MEZALOK* Stacking
Connector System consisting of a 60 position, 114 position and 320 position pin and socket, Printed
Circuit Board (PCB) surface mount BGA connectors. The product is available in 10, 12, 15 and 18mm
stack heights.
1.2.
Qualification
When tests are performed on the subject product line, procedures specified in Figure 1 shall be used.
All inspections shall be performed using the applicable inspection plan and product drawing.
1.3.
Successful qualification testing for the 60 position and 114 position portion of the product line was
completed on 21Dec10. Additional testing was completed on 25May11, 14Dec12, and 12Feb16. The
Qualification Test Report number for this testing is 501-736.
2.
APPLICABLE DOCUMENTS
The following documents form a part of this specification to the extent specified herein. Unless
otherwise specified, the latest edition of the document applies. In the event of conflict between the
requirements of this specification and the product drawing, the product drawing shall take precedence.
In the event of conflict between the requirements of this specification and the referenced documents,
this specification shall take precedence.
2.1.
TE Connectivity (TE) Documents
114-13279: Application Specification (MEZALOK Stacking PC Board Connectors)
501-736: Qualification Test Report (MEZALOK* Stacking Connector System)
2.2.
Industry Document
EIA-364: Electrical Connector/Socket Test Procedures Including Environmental Classifications
2.3.
Reference Document
109-197: Test Specification (TE Test Specifications vs EIA and IEC Test Methods)
3.
REQUIREMENTS
3.1.
Design and Construction
Product shall be of the design, construction and physical dimensions specified on the applicable
product drawing.
3.2.
Materials
Materials used in the construction of this product shall be as specified on the applicable product
drawing.


Similar Part No. - 108-2411

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-2462 TEC-108-2462 Datasheet
85Kb / 5P
   External Mini-SAS HD Cable Assembly System
More results

Similar Description - 108-2411

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P10-010PLT 3M-P10-010PLT Datasheet
59Kb / 2P
   3M Board Stacking Connector System, P10 Series
logo
Molex Electronics Ltd.
75117-0118 MOLEX-75117-0118 Datasheet
100Kb / 2P
   2.00 by 2.25mm (.079 by.089?? Pitch VHDM Stacking System
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
   1.27mm Pitch Stacking Connector
DFM-PA080-S931-345-FA DDK-DFM-PA080-S931-345-FA Datasheet
290Kb / 3P
   0.635??Pitch Stacking Shielded Connector
logo
Pomona Electronics
3364 POMONA-3364 Datasheet
25Kb / 1P
   Quad Stacking Plug
3014 POMONA-3014 Datasheet
26Kb / 1P
   Stacking Banana Plug To Miniature Stacking Banana Plug
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
logo
TE Connectivity Ltd
C-2201196 TEC-C-2201196 Datasheet
180Kb / 3P
   0.4mm PITCH STACKING CONNECTOR PLUG ASSEMBLY 0.98mm HEIGHT
logo
List of Unclassifed Man...
LS202 ETC1-LS202 Datasheet
208Kb / 3P
   Ethernet Switch Stacking Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com