Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC03A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC03A
Description  Quad 2-Input NAND Gate with Open-Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC03A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC03A_13 Datasheet HTML 1Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 2Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 3Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 4Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 5Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 6Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 7Page - ON Semiconductor MC74HC03A_13 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
October, 2013 − Rev. 13
1
Publication Order Number:
MC74HC03A/D
MC74HC03A
Quad 2-Input NAND Gate
with Open-Drain Outputs
High−Performance Silicon−Gate CMOS
The MC74HC03A is identical in pinout to the LS03. The device
inputs are compatible with Standard CMOS outputs; with pullup
resistors, they are compatible with LSTTL outputs.
The HC03A NAND gate has, as its outputs, a high−performance
MOS N−Channel transistor. This NAND gate can, therefore, with a
suitable pullup resistor, be used in wired−AND applications. Having
the output characteristic curves given in this data sheet, this device can
be used as an LED driver or in any other application that only requires
a sinking current.
Features
Output Drive Capability: 10 LSTTL Loads With Suitable Pullup
Resistor
Outputs Directly Interface to CMOS, NMOS and TTL
High Noise Immunity Characteristic of CMOS Devices
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1 mA
In Compliance With the JEDEC Standard No. 7 A Requirements
Chip Complexity: 28 FETs or 7 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
PIN 14 = VCC
PIN 7 = GND
* Denotes open-drain outputs
LOGIC DIAGRAM
3,6,8,11
Y*
1,4,9,12
A
2,5,10,13
B
OUTPUT
PROTECTION
DIODE
VCC
Pinout: 14−Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
34567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
http://onsemi.com
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
Z
Z
Z
L
Y
Z = High Impedance
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HC03AG
AWLYWW
1
14
HC
03A
ALYWG
G
1
14
(Note: Microdot may be in either location)


Similar Part No. - MC74HC03A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03AD ONSEMI-MC74HC03AD Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
MC74HC03AD ONSEMI-MC74HC03AD Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC03AD ONSEMI-MC74HC03AD Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
MC74HC03ADG ONSEMI-MC74HC03ADG Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC03ADR2 ONSEMI-MC74HC03ADR2 Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
More results

Similar Description - MC74HC03A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC03 SLS-SL74HC03 Datasheet
35Kb / 5P
   Quad 2-Input NAND Gate with Open-Drain Outputs
logo
ON Semiconductor
MC74HCO3A ONSEMI-MC74HCO3A Datasheet
154Kb / 8P
   QUAD 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
March, 2000 ??Rev. 8
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
   Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
   Quad 2-Input NAND Gate (open drain)
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
   Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
January 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com