Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1413N Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1413N
Description  3A High-Speed MOSFET Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413N Datasheet(HTML) 3 Page - Microchip Technology

  TC1413N Datasheet HTML 1Page - Microchip Technology TC1413N Datasheet HTML 2Page - Microchip Technology TC1413N Datasheet HTML 3Page - Microchip Technology TC1413N Datasheet HTML 4Page - Microchip Technology TC1413N Datasheet HTML 5Page - Microchip Technology TC1413N Datasheet HTML 6Page - Microchip Technology TC1413N Datasheet HTML 7Page - Microchip Technology TC1413N Datasheet HTML 8Page - Microchip Technology TC1413N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001392E-page 3
TC1413/TC1413N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage .....................................................+20V
Input Voltage ...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA  70°C)
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range.............. -65°C to +150°C
Maximum Junction Temperature...................... +150ºC
† Notice: Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25°C, with 4.5V  VDD  16V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
1.0
µA
0V
 VIN  VDD, TA =+25°C
-10
10
-40°C
 TA  +85°C
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
—2.7
4.0
VDD =16V, IO =10 mA,
TA =+25°C
—3.3
5.0
0°C
 TA  +70°C
3.3
5.0
-40°C
 TA  +85°C
Peak Output Current
IPK
—3.0
A
VDD =16V
Latch-Up Protection
Withstand Reverse Current
IREV
0.5
A
Duty cycle
 2%, t  300 µs,
VDD =16V
Switching Time (Note 1)
Rise Time
tR
—20
28
ns
TA =+25°C
—22
33
0°C
 TA  +70°C
24
33
-40°C
 TA  +85°C, Figure 4-1
Fall Time
tF
—20
28
ns
TA =+25°C
—22
33
0°C
 TA  +70°C
24
33
-40°C
 TA  +85°C, Figure 4-1
Delay Time
tD1
—35
45
ns
TA =+25°C,
—40
50
0°C
 TA  +70°C
40
50
-40°C
 TA  +85°C, Figure 4-1
Delay Time
tD2
—35
45
ns
TA =+25°C
—40
50
0°C
 TA  +70°C
40
50
-40°C
 TA  +85°C, Figure 4-1
Power Supply
Power Supply Current
IS
—0.5
1.0
mA
VIN =3V, VDD = 16V
0.1
0.15
VIN =0V
Note 1:
Switching times ensured by design.


Similar Part No. - TC1413N

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413N TELCOM-TC1413N Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413N MICROCHIP-TC1413N Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413N MICROCHIP-TC1413N Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413N MICROCHIP-TC1413N Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
TelCom Semiconductor, I...
TC1413NCOA TELCOM-TC1413NCOA Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TC1413N

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com