Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1232EUA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1232EUA
Description  Microprocessor Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232EUA Datasheet(HTML) 3 Page - Microchip Technology

  TC1232EUA Datasheet HTML 1Page - Microchip Technology TC1232EUA Datasheet HTML 2Page - Microchip Technology TC1232EUA Datasheet HTML 3Page - Microchip Technology TC1232EUA Datasheet HTML 4Page - Microchip Technology TC1232EUA Datasheet HTML 5Page - Microchip Technology TC1232EUA Datasheet HTML 6Page - Microchip Technology TC1232EUA Datasheet HTML 7Page - Microchip Technology TC1232EUA Datasheet HTML 8Page - Microchip Technology TC1232EUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2002-2014 Microchip Technology Inc.
DS20001370E-page 3
TC1232
FIGURE 1-1:
Rise Time, Fall Time and Reset Detected to Reset Active Timing Waveforms.
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = TMIN to TMAX; VCC = +4.0V to 5.5V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
VCC Fall Time
tF
10
µs
Note 1
VCC Rise Time
tR
0—
µs
Note 1
VCC Trip Point Detected
to RST High and RST Low
tRPD
100
ns
VCC falling
VCC Trip Point Detected
to RST High and RST Open
tRPU
250
610
1000
ms
VCC rising (Note 2)
Note 1:
Ensured by design.
2:
tR = 5 µs.
+4.75V
tF
VCC
+4.25V
tR
VCC
+4.25V
+4.75V
VCC = 5V
+4.5V (5% Trip Point)
+4.25V (10% Trip Point)
RST
RST
VOL
VOH
tRPD
VCC
4.6V (5% Trip Point)
4.5V(10% Trip Point)
RST
RST
VOL
VOH
tRPU
Determined by
external Pull-up
resistor
Determined by
external Pull-up
resistor


Similar Part No. - TC1232EUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1232EOA TELCOM-TC1232EOA Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232EOA MICROCHIP-TC1232EOA Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
TC1232EOA713 MICROCHIP-TC1232EOA713 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
TelCom Semiconductor, I...
TC1232EOE TELCOM-TC1232EOE Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232EOE MICROCHIP-TC1232EOE Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
More results

Similar Description - TC1232EUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
   MICROPROCESSOR MONITOR
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
   Microprocessor Monitor
2002-2012 10/26/12
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
   CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Maxim Integrated Produc...
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
   MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com