Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA75676V-S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA75676V-S
Description  VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75676V-S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA75676V-S Datasheet HTML 1Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 2Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 3Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 4Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 5Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 6Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 7Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 8Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
No. 6277-2/13
LA75676V-S
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6
V
Circuit voltage
V13, V17
VCC
V
I6
–3
mA
Circuit current
I10
–10
mA
I14
–2
mA
Allowable power dissipation
Pd max
Ta
≤ 70°C, *: Mounted on a PCB.
400
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
*: Stipulated PCB: 114.3 x 76.1 x 1.6 mm3, glass epoxy printed circuit board
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5
V
Operating voltage range
VCCop
4.5 to 5.5
V
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[VIF Block]
Circuit current
I5
33
41
49
mA
Maximum RF AGC voltage
V14H
VCC – 0.5
VCC
V
Minimum RF AGC voltage
V14L
0
0.5
V
Input sensitivity
VIN
S1 = OFF
32
38
44
dBµV
AGC range
GR
58
63
dB
Maximum allowable input
VINmax
95
100
dBµV
No-signal video output voltage
V6
3.5
3.8
4.1
V
Sync signal tip voltage
V6 tip
0.9
1.2
1.5
V
Video output level
VO
1.7
2.0
2.3
Vp-p
Black noise threshold voltage
VBTH
0.5
0.8
1.1
V
Black noise clamp voltage
VBCL
1.6
1.9
2.2
V
Video signal-to-noise ratio
S/N
48
52
dB
C-S beating
IC-S
38
43
dB
Frequency characteristics
fC
6 MHz
–3.0
–1.5
dB
Differential gain
DG
3.0
6.5
%
Differential phase
DP
3
5
deg
No-signal AFT voltage
V13
2.0
2.5
3.0
V
Maximum AFT voltage
V13H
4.0
4.4
5.0
V
Minimum AFT voltage
V13L
0
0.18
1.00
V
AFT detection sensitivity
Sf
28
40
52
mV/kHz
VIF input resistance
RIN
45.75 MHz
1.5
k
VIF input capacitance
CIN
45.75 MHz
3
pF
APC pull-in range (U)
fPU
1.3
2.0
MHz
APC pull-in range (L)
fPL
–2.0
–1.4
MHz
AFT tolerance frequency 1
dfa 1
–150
0
+150
kHz
VCO 1 maximum variability range (U)
dfu
1.5
2.0
MHz
VCO 1 maximum variability range (L)
dfl
–2.0
–1.5
MHz
VCO control sensitivity
B
1.3
2.7
5.4
kHz/mV
Electrical Characteristics at Ta = 25°C, VCC = 5.0 V, fp = 45.75 MHz
Continued on next page.


Similar Part No. - LA75676V-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results

Similar Description - LA75676V-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com