Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L32FJ-W Datasheet(PDF) 1 Page - Rohm

Part # BR24L32FJ-W
Description  4k횞8 bit electrically erasable PROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L32FJ-W Datasheet(HTML) 1 Page - Rohm

  BR24L32FJ-W Datasheet HTML 1Page - Rohm BR24L32FJ-W Datasheet HTML 2Page - Rohm BR24L32FJ-W Datasheet HTML 3Page - Rohm BR24L32FJ-W Datasheet HTML 4Page - Rohm BR24L32FJ-W Datasheet HTML 5Page - Rohm BR24L32FJ-W Datasheet HTML 6Page - Rohm BR24L32FJ-W Datasheet HTML 7Page - Rohm BR24L32FJ-W Datasheet HTML 8Page - Rohm BR24L32FJ-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BR24L32-W / BR24L32F-W / BR24L32FJ-W / BR24L32FV-W
Memory ICs
1/25
4k
×8 bit electrically erasable PROM
BR24L32-W / BR24L32F-W / BR24L32FJ-W
BR24L32FV-W
The BR24L32-W series is 2-wire (I
2C BUS type) serial EEPROMs which are electrically programmable.
∗ I2C BUS is a registered trademark of Philips.
Applications
General purpose
Features
1) 4k registers
× 8 bits serial architecture.
2) Single power supply (1.8V to 5.5V).
3) Two wire serial interface.
4) Automatic erase.
5) 32byte Page Write Mode.
6) Low power consumption.
Write
(5V) : 1.5mA (Typ.)
Read
(5V) : 0.2mA (Typ.)
Standby (5V) : 0.1
µA (Typ.)
7) DATA security
Write protect feature (WP pin).
Inhibit to WRITE at low VCC.
8) Small package - - - DIP8 / SOP8 / SSOP-B8 pin
9) High reliability EEPROM with Double-Cell structure.
10) High reliability fine pattern CMOS technology.
11) Endurance : 1,000,000 erase / write cycles
12) Data retention : 40 years
13) Filtered inputs in SCL,SDA for noise suppression.
14) Initial data FFh in all address.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply voltage
−0.3 to +6.5
V
Power dissipation
mW
Storage temperature
−65 to +125
°C
Operating temperature
°C
Terminal voltage
V
−40 to +85
VCC
−0.3 to VCC+0.3
Pd
Tstg
Topr
∗1
450(SOP8)
800(DIP8)
∗2
∗3
300(SSOP-B8)
∗1
Degradation is done at 8.0mW/
°C for operation above 25°C.
∗2,3 Degradation is done at 4.5mW/°C for operation above 25°C.
∗4
Degradation is done at 3.0mW/
°C for operation above 25°C.
450(SOP-J8)
∗4


Similar Part No. - BR24L32FJ-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BR24L32FJ-W ETC1-BR24L32FJ-W Datasheet
99Kb / 2P
   Serial 2 Wire Interface (I2C BUS Type)
logo
Rohm
BR24L32FJ-W ROHM-BR24L32FJ-W Datasheet
303Kb / 6P
   I2C BUS 32Kbit (4,096 x 8bit) EEPROM
BR24L32FJ-WE2 ROHM-BR24L32FJ-WE2 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L32FJ-WTR ROHM-BR24L32FJ-WTR Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L32FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L02 ROHM-BR24L02 Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W_07 Datasheet
397Kb / 26P
   1024횞8 bit electrically erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com