Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5414CTPHD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5414CTPHD
Description  Four-Channel Aftermarket Automotive Class-D Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5414CTPHD Datasheet(HTML) 5 Page - Texas Instruments

  TAS5414CTPHD Datasheet HTML 1Page - Texas Instruments TAS5414CTPHD Datasheet HTML 2Page - Texas Instruments TAS5414CTPHD Datasheet HTML 3Page - Texas Instruments TAS5414CTPHD Datasheet HTML 4Page - Texas Instruments TAS5414CTPHD Datasheet HTML 5Page - Texas Instruments TAS5414CTPHD Datasheet HTML 6Page - Texas Instruments TAS5414CTPHD Datasheet HTML 7Page - Texas Instruments TAS5414CTPHD Datasheet HTML 8Page - Texas Instruments TAS5414CTPHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
TAS5414C
www.ti.com
SLOS955 – DECEMBER 2016
Product Folder Links: TAS5414C
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Pulsed current ratings are maximum survivable currents externally applied to the device. The device may encounter high currents during
reverse-battery, fortuitous open-ground, and fortuitous open-supply fault conditions.
(2)
See the Application Information section for information on analog input voltage and ac coupling.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
PVDD
DC supply voltage range
Relative to GND
–0.3
30
V
PVDDMAX
Pulsed supply voltage range
t
≤ 100 ms exposure
–1
50
V
PVDDRAMP
Supply voltage ramp rate
15
V/ms
IPVDD
Externally imposed dc supply current per PVDD or GND
pin
±12
A
IPVDD_MAX
Pulsed supply current per PVDD pin (one shot)
t < 100 ms
17
A
IO
Maximum allowed dc current per output pin
±13.5
A
IO_MAX
(1)
Pulsed output current per output pin (single pulse)
t < 100 ms
±17
A
IIN_MAX
Maximum current, all digital and analog input pins(2)
DC or pulsed
±1
mA
IMUTE_MAX
Maximum current on MUTE pin
DC or pulsed
±20
mA
IIN_ODMAX
Maximum sink current for open-drain pins
7
mA
VLOGIC
Input voltage range for pin relative to GND (SCL, SDA,
I2C_ADDR pins)
Supply voltage range:
6V < PVDD < 24 V
–0.3
6
V
VMUTE
Voltage range for MUTE pin relative to GND
Supply voltage range:
6 V < PVDD < 24 V
–0.3
7.5
V
VSTANDBY
Input voltage range for STANDBY pin
Supply voltage range:
6 V < PVDD < 24 V
–0.3
5.5
V
VOSC_SYNC
Input voltage range for OSC_SYNC pin relative to GND
Supply voltage range:
6 V < PVDD < 24 V
–0.3
3.6
V
VGND
Maximum voltage between GND pins
±0.3
V
VAIN_AC_MAX
Maximum ac-coupled input voltage for TAS5414C(2),
analog input pins
Supply voltage range:
6 V < PVDD < 24 V
1.9
Vrms
TJ
Maximum operating junction temperature range
–55
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2500
V
Charged device model (CDM),
per AEC Q100-011
PHD Package
Corner pins excluding SCL
±750
V
All pins (including SCL) except
CP and CP_Top
±600
CP and CP_Top pins
±400
(1)
The Recommended Operating Conditions table specifies only that the device is functional in the given range. See the Electrical
Characteristics table for specified performance limits.
(2)
Signal input for full unclipped output with gains of 32 dB, 26 dB, 20 dB, and 12 dB
(3)
Maximum recommended input voltage is determined by the gain setting.
6.3 Recommended Operating Conditions
(1)
MIN
TYP
MAX
UNIT
PVDDOP
DC supply voltage range relative to GND
6
14.4
24
V
VAIN
(2)
Analog audio input signal level
AC-coupled input voltage
0
0.25–1(3)
Vrms
TA
Ambient temperature
–20
105
°C
TJ
Junction temperature
An adequate heat sink is required
to keep TJ within specified range.
–40
115
°C
RL
Nominal speaker load impedance
2
4
Ω


Similar Part No. - TAS5414CTPHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI1-TAS5414CTPHDRQ1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
More results

Similar Description - TAS5414CTPHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5514B-Q1 TI1-TAS5514B-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
logo
Tyco Electronics
ANPC-185 MACOM-ANPC-185 Datasheet
162Kb / 1P
   GPS Antenna for Automotive Aftermarket Applications
logo
Maxim Integrated Produc...
MAX13301 MAXIM-MAX13301 Datasheet
2Mb / 37P
   4-Channel, Automotive Class D Audio Amplifier Feedback After the Filter
Rev 0; 6/11
logo
Shenzhen Huazhimei Semi...
HM8N25K HMSEMI-HM8N25K Datasheet
424Kb / 6P
   Automotive, DC Motor Control and Class D Amplifier
logo
Texas Instruments
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com