Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5780M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5780M
Description  Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5780M Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5780M Datasheet HTML 6Page - Texas Instruments TAS5780M Datasheet HTML 7Page - Texas Instruments TAS5780M Datasheet HTML 8Page - Texas Instruments TAS5780M Datasheet HTML 9Page - Texas Instruments TAS5780M Datasheet HTML 10Page - Texas Instruments TAS5780M Datasheet HTML 11Page - Texas Instruments TAS5780M Datasheet HTML 12Page - Texas Instruments TAS5780M Datasheet HTML 13Page - Texas Instruments TAS5780M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 204 page
background image
10
TAS5780M
SLASEG7 – DECEMBER 2016
www.ti.com
Product Folder Links: TAS5780M
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
DVDD referenced digital pins include: ADR0, ADR1, GPIO0, GPIO2, LRCK/FS, MCLK,RESET, SCL, SCLK, SDA, SDIN, and
SPK_MUTE.
(2)
A unit of fS indicates that the specification is the value listed in the table multiplied by the sample rate of the audio used in the
TAS5780M device.
7.5 Electrical Characteristics
Free-air room temperature 25°C (unless otherwise noted) Measurements were made using TAS5780MEVM board and Audio
Precision System 2722 with Analog Analyzer filter set to 40 kHz brickwall filter. The device output PWM frequency was set to
768 kHz unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O
|IIH|1
Input logic high current level
for DVDD referenced digital
input pins(1)
VIN(DigIn) = VDVDD
10
µA
|IIL|1
Input logic low current level
for DVDD referenced digital
input pins(1)
VIN(DigIn) = 0 V
–10
µA
VIH1
Input logic high threshold for
DVDD referenced digital
inputs(1)
70%
VDVDD
VIL1
Input logic low threshold for
DVDD referenced digital
inputs(1)
30%
VDVDD
VOH(DigOut)
Output logic high voltage
level(1)
IOH = 4 mA
80%
VDVDD
VOL(DigOut)
Output logic low voltage
level(1)
IOH = –4 mA
22%
VDVDD
VOL(SPK_FAULT)
Output logic low voltage level
for SPK_FAULT
With 100-kΩ pullup resistor
0.8
V
GVDD_REG
GVDD regulator voltage
7
V
I2C CONTROL PORT
CL(I2C)
Allowable load capacitance
for each I2C Line
400
pF
fSCL(fast)
Support SCL frequency
No wait states, fast mode
400
kHz
fSCL(slow)
Support SCL frequency
No wait states, slow mode
100
kHz
VNH
Noise margin at High level for
each connected device
(including hysteresis)
0.2 × VDD
V
MCLK AND PLL SPECIFICATIONS
DMCLK
Allowable MCLK duty cycle
40%
60%
fMCLK
Supported MCLK frequencies
Up to 50 MHz
128
512
fS
(2)
fPLL
PLL input frequency
Clock divider uses fractional divide
D > 0, P = 1
6.7
20
MHz
Clock divider uses integer divide
D = 0, P = 1
1
20
SERIAL AUDIO PORT
tDLY
Required LRCK/FS to SCLK
rising edge delay
5
ns
DSCLK
Allowable SCLK duty cycle
40%
60%
fS
Supported input sample rates
8
96
kHz
fSCLK
Supported SCLK frequencies
32
64
fS
(2)
fSCLK
SCLK frequency
Either master mode or slave mode
24.576
MHz
SPEAKER AMPLIFIER (ALL OUTPUT CONFIGURATIONS)
AV(SPK_AMP)
Speaker amplifier gain
SPK_GAIN/FREQ voltage < 3 V,
see Adjustable Amplifier Gain and Switching
Frequency Selection
20
dBV
SPK_GAIN/FREQ voltage > 3.3 V,
see Adjustable Amplifier Gain and Switching
Frequency Selection
26
ΔAV(SPK_AMP)
Typical variation of speaker
amplifier gain
±1
dBV


Similar Part No. - TAS5780M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5782M TI1-TAS5782M Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5782MDCA TI1-TAS5782MDCA Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5782MDCAR TI1-TAS5782MDCAR Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
More results

Similar Description - TAS5780M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI1-TAS5756M Datasheet
3Mb / 104P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5825M TI1-TAS5825M Datasheet
883Kb / 71P
[Old version datasheet]   4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
TAS5782M TI1-TAS5782M Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com