Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5780MDCA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5780MDCA
Description  Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5780MDCA Datasheet(HTML) 1 Page - Texas Instruments

  TAS5780MDCA Datasheet HTML 1Page - Texas Instruments TAS5780MDCA Datasheet HTML 2Page - Texas Instruments TAS5780MDCA Datasheet HTML 3Page - Texas Instruments TAS5780MDCA Datasheet HTML 4Page - Texas Instruments TAS5780MDCA Datasheet HTML 5Page - Texas Instruments TAS5780MDCA Datasheet HTML 6Page - Texas Instruments TAS5780MDCA Datasheet HTML 7Page - Texas Instruments TAS5780MDCA Datasheet HTML 8Page - Texas Instruments TAS5780MDCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 204 page
background image
Supply Voltage (V)
5
10
15
20
24
0
20
40
60
80
10
20
D002
8 : Load Peak
6 : Load Peak
4 : Load Peak
6 : Load Continous
4 : Load Continous
Closed Loop Stereo
Class D Amplifier
Fixed-Function
Processing
µCDSP Core
001100
1101
Software Control Port
Hardware
Control Port
Low-Voltage Supply Domain
High Voltage
Supply Domain
PWM
Modulator
Power
Stage
DVDD
PVDD
Serial
Audio In
Analog
Audio Out
I²C Communication
GPIO/Status
Serial Audio
Out
High Performance
Stereo DAC
TI
Burr-Brown Audio
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS5780M
SLASEG7 – DECEMBER 2016
TAS5780M Digital Input, Closed-Loop Class-D Amplifier with 96-kHz Processing
1
1 Features
1
Flexible Audio I/O Configuration
Supports I2S, TDM, LJ, RJ Digital Input
Sample Rate Support
Stereo Bridge Tied Load (BTL) or Mono
Parallel Bridge Tied Load (PBTL) Operation
1SPW Amplifier Modulation
Supports 3-Wire Digital Audio Interface (No
MCLK required)
High-Performance Closed-Loop Architecture
(PVDD = 12 V, RSPK = 8 Ω, SPK_GAIN = 20 dB)
Idle Channel Noise = 62 µVrms (A-Wtd)
THD+N = 0.2% (at 1 W, 1 kHz)
SNR = 103dB A-Wtd (Ref. to THD+N = 1%)
Fixed-Function Processing Features
12 BiQuads
Internal Bank Switch for Fast Change of the
12 BiQuads
2-Band Advanced DRC + AGL
DPEQ
SRC supports 32, 44.1, 48, 88.2, 96 kHz
96-kHz Processor Sampling
Communication Features
Software Mode Control via I2C Port
Two Address Select Pins – Up to 4 Devices
Robustness and Reliability Features
Clock Error and Short-Circuit Protection
Overtemperature and Overcurrent Protection
2 Applications
LCD, LED TV, and Multi-Purpose Monitors
Sound Bars, Docking Stations, and PC Audio
Wireless Subwoofers, Bluetooth Speakers, and
Active Speakers
3 Description
The TAS5780M device is a high-performance, stereo
closed-loop Class-D amplifier with integrated audio
processor with 96-kHz architecture. To convert from
digital to analog, the device uses a high performance
DAC with Burr Brown™ audio technology. It requires
only two power supplies: one DVDD for low-voltage
circuitry and one PVDD for high-voltage circuitry. It is
controlled by a software control port using standard
I2C communication.
An optimal mix of thermal performance and device
cost is provided in the 90 mΩ rDS(on) of the output
MOSFETs. Additionally, a thermally enhanced 48-Pin
TSSOP provides excellent operation in the elevated
ambient temperatures found in modern consumer
electronic devices.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5780M
TSSOP (48)
12.50 mm × 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
Simplified Block Diagram
Power at 10% THD+N vs PVDD (1)
(1)
Tested on TAS5780MEVM Board.


Similar Part No. - TAS5780MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5782M TI1-TAS5782M Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5782MDCA TI1-TAS5782MDCA Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5782MDCAR TI1-TAS5782MDCAR Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
More results

Similar Description - TAS5780MDCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI1-TAS5756M Datasheet
3Mb / 104P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier
TAS5825M TI1-TAS5825M Datasheet
883Kb / 71P
[Old version datasheet]   4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
TAS5782M TI1-TAS5782M Datasheet
2Mb / 128P
[Old version datasheet]   30 W Stereo Class-D Amplifier with 96-kHz Processing
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
[Old version datasheet]   1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
[Old version datasheet]   1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com