Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV316QDBVTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV316QDBVTQ1
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV316QDBVTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV316QDBVTQ1 Datasheet HTML 7Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 8Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 9Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 10Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 11Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 12Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 13Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 14Page - Texas Instruments TLV316QDBVTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
30
40
50
60
70
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
SC, Source
I
SC, Sink
0
20
40
60
80
100
10M
100M
1G
10G
Frequency (Hz)
C036
Time (200 ns/div)
CL = 10 pF
CL = 100 pF
C030
CL
RL
±
+
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
Device
+
±
C
L = 10 pF
C
L = 100 pF
Time (100 ns/div)
C031
CL
RL
±
+
VIN = 1 Vpp
+ 2.75 V
± 2.75 V
Device
+
±
V
OUT
V
IN
0
10
20
30
40
50
0p
100p
200p
300p
Capacitive Load (F)
C025
±
+
RI = 1 kohm
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
CL
Device
+
±
RF = 1 kohm
Time (100 s/div)
C027
V
OUT
V
IN
6.1 VPP
Sine Wave
±
+
VOUT
+ 2.75 V
± 2.75 V
Device
+
±
11
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
www.ti.com
SBOS845A – NOVEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
V+ = 2.75 V, V– = –2.75 V, G = –1 V/V
Figure 7. Small-Signal Overshoot vs Load Capacitance
V+ = 2.75 V, V– = –2.75 V
Figure 8. No Phase Reversal
V+ = 2.75 V, V– = –2.75 V, G = 1 V/V
Figure 9. Small-Signal Step Response
V+ = 2.75 V, V– = –2.75 V, CL = 100 pF, G = 1 V/V
Figure 10. Large-Signal Step Response
Figure 11. Short-Circuit Current vs Temperature
PRF = –10 dBm
Figure 12. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input vs Frequency


Similar Part No. - TLV316QDBVTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV316 TI1-TLV316 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316IDBVR TI1-TLV316IDBVR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV316IDBVR TI1-TLV316IDBVR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316IDBVT TI1-TLV316IDBVT Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results

Similar Description - TLV316QDBVTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com