Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2316 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2316
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2316 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2316 Datasheet HTML 4Page - Texas Instruments TLV2316 Datasheet HTML 5Page - Texas Instruments TLV2316 Datasheet HTML 6Page - Texas Instruments TLV2316 Datasheet HTML 7Page - Texas Instruments TLV2316 Datasheet HTML 8Page - Texas Instruments TLV2316 Datasheet HTML 9Page - Texas Instruments TLV2316 Datasheet HTML 10Page - Texas Instruments TLV2316 Datasheet HTML 11Page - Texas Instruments TLV2316 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB.
6.7 Electrical Characteristics
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted); VS (total supply
voltage) = (V+) – (V–) = 1.8 V to 5.5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±0.75
±3
mV
VS = 5 V, TA = –40°C to 125°C
±4.5
dVOS/dT
Drift
VS = 5 V, TA = –40°C to 125°C
±2
µV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 V – 5.5 V, VCM = (V–)
±30
±175
µV/V
Channel separation, dc
At dc
100
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
VS = 5.5 V
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, (V–) – 0.2 V < VCM < (V+) – 1.4 V,
TA = –40°C to 125°C
72
90
dB
VS = 5.5 V, VCM = –0.2 V to 5.7 V,
TA = –40°C to 125°C
75
INPUT BIAS CURRENT
IB
Input bias current
±10
pA
IOS
Input offset current
±10
pA
NOISE
En
Input voltage noise (peak-to-peak)
VS = 5 V, f = 0.1 Hz to 10 Hz
5
µVPP
en
Input voltage noise density
VS = 5 V, f = 1 kHz
12
nV/
√Hz
in
Input current noise density
f = 1 kHz
1.3
fA/
√Hz
INPUT IMPEDANCE
ZID
Differential
2 || 2
1016Ω || pF
ZIC
Common-mode
2 || 4
1011Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V,
RL = 10 kΩ
100
104
dB
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V,
RL = 2 kΩ
104
FREQUENCY RESPONSE
GBP
Gain bandwidth product
VS = 5 V, G = 1
10
MHz
φm
Phase margin
VS = 5 V, G = 1
60
Degrees
SR
Slew rate
VS = 5 V, G = 1
6
V/μs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step , G = 1, CL = 100 pF
1
μs
tOR
Overload recovery time
VS = 5 V, VIN × gain = VS
0.8
μs
THD + N
Total harmonic distortion + noise(1)
VS = 5 V, VO = 0.5 VRMS, G = 1, f = 1 kHz
0.008%
OUTPUT
VO
Voltage output swing from supply
rails
VS = 1.8 V to 5.5 V, RL = 10 kΩ
35
mV
VS = 1.8 to 5.5 V, RL = 2 kΩ
125
ISC
Short-circuit current
VS = 5 V
±50
mA
ZO
Open-loop output impedance
VS = 5 V, f = 10 MHz
250
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per amplifier
VS = 5 V, IO = 0 mA, TA = –40°C to 125°C
400
575
µA
TEMPERATURE
TA
Specified
–40
125
°C
Tstg
Storage
–65
150
°C


Similar Part No. - TLV2316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2316 TI1-TLV2316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV2316 TI1-TLV2316 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV2316IDGKR TI1-TLV2316IDGKR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV2316IDGKR TI1-TLV2316IDGKR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV2316IDGKT TI1-TLV2316IDGKT Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results

Similar Description - TLV2316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com