Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3128D2DAP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAP
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAP Datasheet(HTML) 5 Page - Texas Instruments

  TPA3128D2DAP Datasheet HTML 1Page - Texas Instruments TPA3128D2DAP Datasheet HTML 2Page - Texas Instruments TPA3128D2DAP Datasheet HTML 3Page - Texas Instruments TPA3128D2DAP Datasheet HTML 4Page - Texas Instruments TPA3128D2DAP Datasheet HTML 5Page - Texas Instruments TPA3128D2DAP Datasheet HTML 6Page - Texas Instruments TPA3128D2DAP Datasheet HTML 7Page - Texas Instruments TPA3128D2DAP Datasheet HTML 8Page - Texas Instruments TPA3128D2DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings can cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
(2)
100-kΩ series resistor is required if maximum slew rate is exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, AVCC
–0.3
30
V
Input voltage, VI
INPL, INNL, INPR, INNR
–0.3
6.3
V
PLIMIT, GAIN / SLV, SYNC
–0.3
GVDD+0.3
V
AM0, AM1, AM2, MUTE, SDZ, MODSEL
–0.3
PVCC+0.3
V
Slew rate, maximum(2)
AM0, AM1, AM2, MUTE, SDZ, MODSEL
10
V/ms
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature , TJ
–40
150
°C
Storage temperature, Tstg
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. .
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
4.5
26
V
VIH
High-level input
voltage
AM0, AM1, AM2, MUTE, SDZ, SYNC, MODSEL
2
V
VIL
Low-level input
voltage
AM0, AM1, AM2, MUTE, SDZ, SYNC, MODSEL
0.8
V
VOL
Low-level output
voltage
FAULTZ, RPULL-UP = 100 kΩ, PVCC = 26 V
0.8
V
IIH
High-level input
current
AM0, AM1, AM2, MUTE, SDZ, MODSEL (VI = 2 V, VCC = 18 V)
50
µA
RL(BTL)
Minimum load
Impedance
Output filter: L = 10 µH, C = 680 nF
TPA3128D2
3.2
4
Ω
RL(PBTL)
Output filter: L = 10 µH, C = 1 µF
TPA3128D2
1.6
Lo
Output-filter
Inductance
Minimum output filter inductance under short-circuit condition
1
µH
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For the PCB layout please see the TPA3128D2EVM user guide.
6.4 Thermal Information
THERMAL METRIC(1)
TPA3128D2
UNIT
DAP(2)
32 PINS
RθJA
Junction-to-ambient thermal resistance
22
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
4.8
°C/W


Similar Part No. - TPA3128D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3128D2DAP TI1-TPA3128D2DAP Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2DAPR TI1-TPA3128D2DAPR Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
More results

Similar Description - TPA3128D2DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2_17 Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Infineon Technologies A...
MA2304PNS INFINEON-MA2304PNS Datasheet
2Mb / 43P
   2x37 W, 10 to 20 V, Ultra‑Low Idle Power, MERUS Multilevel Switching Class‑D Audio Amplifier with Inductor‑Less Operation
INTV2.1.9 August, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com