Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3600D20 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3600D20
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600D20 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3600D20 Datasheet HTML 3Page - Texas Instruments TPS3600D20 Datasheet HTML 4Page - Texas Instruments TPS3600D20 Datasheet HTML 5Page - Texas Instruments TPS3600D20 Datasheet HTML 6Page - Texas Instruments TPS3600D20 Datasheet HTML 7Page - Texas Instruments TPS3600D20 Datasheet HTML 8Page - Texas Instruments TPS3600D20 Datasheet HTML 9Page - Texas Instruments TPS3600D20 Datasheet HTML 10Page - Texas Instruments TPS3600D20 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
7
detailed description (continued)
25
µs
200 ms
100
µA
t
IBAT
Figure 1. BATTOK Timing
chip-enable signal gating
The internal gating of chip-enable signals (CE) prevents erroneous data from corrupting CMOS RAM during
an under-voltage condition. The TPS3600 use a series transmission gate from CEIN to CEOUT. During normal
operation (reset not asserted), the CE transmission gate is enabled and passes all CE transitions. When reset
is asserted, this path becomes disabled, preventing erroneous data from corrupting the CMOS RAM. The short
CE propagation delay from CEIN to CEOUT enables the TPS3600 devices to be used with most processors.
The CE transmission gate is disabled and CEIN is high impedance (disable mode) while reset is asserted.
During a power-down sequence when VDD crosses the reset threshold, the CE transmission gate will be
disabled and CEIN immediately becomes high impedance if the voltage at CEIN is high. If CEIN is low during
reset is asserted, the CE transmission gate will be disabled same time when CEIN goes high, or 15
µs after reset
asserts, whichever occurs first. This will allow the current write cycle to complete during power down. When the
CE transmission gate is enabled, the impedance of CEIN appears as a resistor in series with the load at CEOUT.
The overall device propagation delay through the CE transmission gate depends on VOUT, the source
impedance of the device connected to CEIN and the load at CEOUT. To achieve minimum propagation delay,
the capacitive load at CEOUT should be minimized, and a low-output-impedance driver be used.
During disable mode, the transmission gate is off and an active pullup connects CEOUT to VOUT. This pullup
turns off when the transmission gate is enabled.
15
µs
CEIN
CEOUT
RESET
t
t
t
Figure 2. Chip-Enable Timing
www.ti.com


Similar Part No. - TPS3600D20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWG4 TI-TPS3600D20PWG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWR TI-TPS3600D20PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWRG4 TI-TPS3600D20PWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600D20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com