Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3306 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3306
Description  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3306 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3306 Datasheet HTML 1Page - Texas Instruments TPS3306 Datasheet HTML 2Page - Texas Instruments TPS3306 Datasheet HTML 3Page - Texas Instruments TPS3306 Datasheet HTML 4Page - Texas Instruments TPS3306 Datasheet HTML 5Page - Texas Instruments TPS3306 Datasheet HTML 6Page - Texas Instruments TPS3306 Datasheet HTML 7Page - Texas Instruments TPS3306 Datasheet HTML 8Page - Texas Instruments TPS3306 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241B − MARCH 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Dual Supervisory Circuits With Power Fail
for DSP and Processor-Based Systems
D Voltage Monitor for Power Fail or
Low-Battery Warning
D Watchdog Timer With 0.8-s Time-Out
D Power-On Reset Generator With Integrated
100-ms Delay Time
D Open-Drain Reset and Power-Fail Output
D Supply Current of 15 µA (Typ)
D Supply Voltage Range . . . 2.7 V to 6 V
D Defined RESET Output From VDD ≥ 1.1 V
D SO-8 Package
D Temperature Range ...−40°C to 125°C
D Applications Include:
Multivoltage DSPs and Processors
Portable Battery-Powered Equipment
Embedded Control Systems
Intelligent Instruments
Automotive Systems
description
The TPS3306 family is a series of supervisory
circuits designed for circuit initialization, which
require two supply voltages, primarily in DSP and
processor-based systems.
The product spectrum of the TPS3306-xx is
designed for monitoring two independent supply
voltages of 3.3 V/1.5 V, 3.3 V/1.8 V, 3.3 V/2 V, 3.3
V/2.5 V, or 3.3 V/5 V.
TYPICAL OPERATING CIRCUIT
SENSE1
SENSE2
PFI
GND
VDD
WDI
PFO
RESET
TPS3306−15
R3
R4
R1
1%
R2
1%
AVDD
CVDD
DVDD
B_XF
A_XF
RESET
VSS
VSSA
TMS320
VC5441
3.3 V
1.5 V
Copyright
 2008 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
SENSE1
SENSE2
PFI
GND
VDD
WDI
PFO
RESET
D PACKAGE
(TOP VIEW)


Similar Part No. - TPS3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
TPS3306-15 TI1-TPS3306-15 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Similar Description - TPS3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com