Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3600x20PW Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3600x20PW
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600x20PW Datasheet(HTML) 3 Page - Texas Instruments

  TPS3600x20PW Datasheet HTML 1Page - Texas Instruments TPS3600x20PW Datasheet HTML 2Page - Texas Instruments TPS3600x20PW Datasheet HTML 3Page - Texas Instruments TPS3600x20PW Datasheet HTML 4Page - Texas Instruments TPS3600x20PW Datasheet HTML 5Page - Texas Instruments TPS3600x20PW Datasheet HTML 6Page - Texas Instruments TPS3600x20PW Datasheet HTML 7Page - Texas Instruments TPS3600x20PW Datasheet HTML 8Page - Texas Instruments TPS3600x20PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
3
FUNCTION TABLES
VDD > VSW
VOUT > VIT
VDD > VBAT
MSWITCH
MR
VOUT
BATTON
RESET
CEOUT
0
0
0
0
0
VBAT
1
0
DIS
0
0
0
0
1
VBAT
1
0
DIS
0
0
0
1
0
VBAT
1
0
DIS
0
0
0
1
1
VBAT
1
0
DIS
0
0
1
0
0
VDD
0
0
DIS
0
0
1
0
1
VDD
0
0
DIS
0
0
1
1
0
VBAT
1
0
DIS
0
0
1
1
1
VBAT
1
0
DIS
0
1
0
0
0
VBAT
1
0
DIS
0
1
0
0
1
VBAT
1
1
EN
0
1
0
1
0
VBAT
1
0
DIS
0
1
0
1
1
VBAT
1
1
EN
0
1
1
0
0
VDD
0
0
DIS
0
1
1
0
1
VDD
0
1
EN
0
1
1
1
0
VBAT
1
0
DIS
0
1
1
1
1
VBAT
1
1
EN
1
1
0
0
0
VDD
0
0
DIS
1
1
0
0
1
VDD
0
1
EN
1
1
0
1
0
VBAT
1
0
DIS
1
1
0
1
1
VBAT
1
1
EN
1
1
1
0
0
VDD
0
0
DIS
1
1
1
0
1
VDD
0
1
EN
1
1
1
1
0
VBAT
1
0
DIS
1
1
1
1
1
VBAT
1
1
EN
VBAT > VBOK
BATTOK
0
0
1
1
CONDITION: VOUT > VDD(min)
CEIN
CEOUT
0
0
1
1
CONDITION: Enabled
PFI > VPFI
PFO
0
0
1
1
CONDITION: VOUT > VDD(min)
www.ti.com


Similar Part No. - TPS3600x20PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600X20PW TI-TPS3600X20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600X20PWR TI-TPS3600X20PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600x20PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com