Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3600D20PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3600D20PWR
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600D20PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3600D20PWR Datasheet HTML 7Page - Texas Instruments TPS3600D20PWR Datasheet HTML 8Page - Texas Instruments TPS3600D20PWR Datasheet HTML 9Page - Texas Instruments TPS3600D20PWR Datasheet HTML 10Page - Texas Instruments TPS3600D20PWR Datasheet HTML 11Page - Texas Instruments TPS3600D20PWR Datasheet HTML 12Page - Texas Instruments TPS3600D20PWR Datasheet HTML 13Page - Texas Instruments TPS3600D20PWR Datasheet HTML 14Page - Texas Instruments TPS3600D20PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
11
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET,
VOUT = 2.0 V, IOH = −400 µA
VOUT − 0.2 V
RESET,
BATTOK,
VOUT = 3.3 V, IOH = −2 mA
VOUT − 0.4 V
BATTOK,
BATTON
VOUT = 5.0 V, IOH = −3 mA
VOUT − 0.4 V
VOUT = 1.8 V, IOH = −20 µA
VOUT − 0.3 V
High-level output
PFO
VOUT = 3.3 V, IOH = −80 µA
VOUT − 0.4 V
VOH
High-level output
voltage
PFO
VOUT = 5.0 V, IOH = −120 µA
VOUT − 0.4 V
V
VOH
voltage
CEOUT
VOUT = 2.0 V, IOH = −1 mA
VOUT − 0.2 V
V
CEOUT
Enable mode
VOUT = 3.3 V, IOH = −2 mA
VOUT − 0.3 V
Enable mode
CEIN = VOUT
VOUT = 5.0 V, IOH = −5 mA
VOUT − 0.3 V
CEOUT
Disable mode
VOUT = 3.3 V, IOH = −0.5 mA
VOUT − 0.4 V
RESET,
VOUT = 2.0 V, IOL = 400 µA
0.2
RESET,
PFO,
BATTOK
VOUT = 3.3 V, IOL = 2 mA
0.4
PFO,
BATTOK
VOUT = 5.0 V, IOL = 3 mA
0.4
Low-level output
VOUT = 1.8 V, IOL = 500 µA
0.2
VOL
Low-level output
voltage
BATTON
VOUT = 3.3 V, IOL = 3 mA
0.4
V
VOL
voltage
BATTON
VOUT = 5.0 V, IOL = 5 mA
0.4
V
CEOUT
VOUT = 2.0 V, IOL = 1 mA
0.2
CEOUT
Enable mode
VOUT = 3.3 V, IOL = 2 mA
0.3
Enable mode
CEIN = 0 V
VOUT = 5.0 V, IOL = 5 mA
0.3
Vres
Power-up reset voltage (see Note 2)
VBAT > 1.1 V OR
VDD > 1.4 V, IOL = 20 µA
0.4
V
IO = 5 mA,
VDD = 1.8 V
VDD − 50 mV
Normal mode
IO = 75 mA,
VDD = 3.3 V
VDD − 150 mV
VOUT
Normal mode
IO = 150 mA, VDD = 5 V
VDD − 250 mV
V
VOUT
Battery-backup mode
IO = 4 mA,
VBAT = 1.5 V
VBAT − 50 mV
V
Battery-backup mode
IO = 75 mA,
VBAT = 3.3 V
VBAT − 150 mV
rds(on)
VDD to VOUT on-resistance
VDD = 3.3 V
1
2
rds(on)
VBAT to VOUT on-resistance
VBAT = 3.3 V
1
2
TPS3600x20
1.74
1.78
1.82
TPS3600x25
2.17
2.22
2.27
VIT
Negative-going input
TPS3600x30
2.57
2.63
2.69
VIT
Negative-going input
threshold voltage
(see Notes 3 and 4)
TPS3600x33
TA = −40°C to 85°C
2.87
2.93
2.99
V
threshold voltage
(see Notes 3 and 4)
TPS3600x50
TA = −40 C to 85 C
4.31
4.40
4.49
V
V(PFI)
PFI
1.13
1.15
1.17
V(BOK)
TPS3600Dxx
VIT + 5.8%
VIT + 7.1%
VIT + 8.3%
V(SWN)
Battery switch threshold voltage
negative-going VOUT
VIT + 1%
VIT + 2%
VIT + 3.2%
V
NOTES:
2. The lowest supply voltage at which RESET becomes active. tr(VDD) ≥ 15 µs/V.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminal.
4. Voltage is sensed at VOUT
www.ti.com


Similar Part No. - TPS3600D20PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20PWR TI-TPS3600D20PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWRG4 TI-TPS3600D20PWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600D20PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com