Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084CT-3.0 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1084CT-3.0
Description  High Efficiency Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CT-3.0 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1084CT-3.0 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CT-3.0 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS1084
Monolithic
5A LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
••
• Three Terminal Adjustable or Fixed
••
• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
••
• Post Regulators for Switching Supplies
••
• Output Current of 5A
••
• Microprocessor Supply
••
• Operates Down to 1V Dropout
••
• Battery Chargers
••
• Line Regulation: 0.015%
••
• Constant Current Regulators
••
• Load Regulation: 0.1%
••
• Notebook/Personal Computer Supplies
••
• TO-220, TO-263 and TO-252 packages available
••
• Portable Instrumentation
GENERAL DESCRIPTION
The
The AMS1084 series of adjustable and fixed voltage regulators are designed to provide 5A output current and to operate down
to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output current,
decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS1084 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package, 3 and
2 lead TO-263 (Plastic DD) and TO-252 (D PAK) package.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 LEAD TO-220
2&3 LEAD TO-263
TO-252
TEMPERATURE RANGE
AMS1084CT
AMS1084CM
AMS1084CD
-40 to 125° C
AMS1084CT-1.5
AMS1084CM-1.5
AMS1084CD-1.5
-40 to 125° C
AMS1084CT-2.5
AMS1084CM-2.5
AMS1084CD-2.5
-40 to 125° C
AMS1084CT-2.85
AMS1084CM-2.85
AMS1084CD-2.85
-40 to 125° C
AMS1084CT-3.0
AMS1084CM-3.0
AMS1084CD-3.0
-40 to 125° C
AMS1084CT-3.3
AMS1084CM-3.3
AMS1084CD-3.3
-40 to 125° C
AMS1084CT-3.5
AMS1084CM-3.5
AMS1084CD-3.5
-40 to 125° C
AMS1084CT-5.0
AMS1084CM-5.0
AMS1084CD-5.0
-40 to 125° C
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
TAB IS
OUTPUT
TO-252 FRONT VIEW
1
2
3
1
2
3
TAB IS
OUTPUT
2L TO-263 FRONT VIEW
1
2
3
TAB IS
OUTPUT
TO-220 FRONT VIEW
1
2
3
TAB IS
OUTPUT
3L TO-263 FRONT VIEW


Similar Part No. - AMS1084CT-3.0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084CT-3.0 ADMOS-AMS1084CT-3.0 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084CT-3.0

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Linear Technology
LT1271 LINER-LT1271_15 Datasheet
203Kb / 8P
   4A High Efficiency Switching Regulators
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Allegro MicroSystems
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com