Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084CM-3.3 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS1084CM-3.3
Description  High Efficiency Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CM-3.3 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS1084CM-3.3 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CM-3.3 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1084
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-50 -25
0
25
50
75
125
0
100
50
0
2
4
6
8
10
12
0
10
5
14
100
150
4
3
2
1
9
8
7
6
Minimum Operating Current
(Adjustable only)
10
20
30
40
60
70
80
90
Adjust Pin Current
(Adjustable only)
TEMPERATURE (° C)
INPUT/OUTPUT DIFFERENTIAL (V)
T
J = 25° C
T
J = 150° C
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-220 PLASTIC PACKAGE (T)
0.330-0.370
0.050
(8.382-9.398)
0.090-0.110
(2.286-2.794)
(1.270)
TYP
0.390-0.415
(9.906-10.541)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.013-0.023
(0.330-0.584)
T (TO-220) AMS DRW# 042193
0.147-0.155
(3.734-3.937)
DIA
0.230-0.270
(5.842-6.858)
0.460-0.500
(11.684-12.700)
0.570-0.620
(14.478-15.748)
0.218-0.252
(5.537-6.401)
0.520-0.570
(13.208-14.478)
0.980-1.070
(24.892-27.178)
0.028-0.038
(0.711-0.965)


Similar Part No. - AMS1084CM-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084CM-3.3 ADMOS-AMS1084CM-3.3 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
More results

Similar Description - AMS1084CM-3.3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Linear Technology
LT1271 LINER-LT1271_15 Datasheet
203Kb / 8P
   4A High Efficiency Switching Regulators
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Allegro MicroSystems
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com