Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJS2010 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJS2010
Description  Dual N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJS2010 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJS2010 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJS2010 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJS2010 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJS2010 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJS2010 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TSSOP8 Plastic-Encapsulate MOSFETS
www.cj-elec.com
1
B,Sep,2016
CJS2010 Dual N-channel MOSFET
FEATURE
APPLICATION
MARKING
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
TSSOP8
Equivalent Circuit
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
Continuous Drain Current
ID
10
A
Pulsed Drain Current (note 1)
IDM
36
A
Thermal Resistance from Junction to Ambient (note 2)
RθJA
125
℃/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~+150
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
Battery Protection
Load Switch
Power Management
TrenchFET Power MOSFET
Excellent RDS(on)
Low Gate Charge
High Power and Current Handing Capability
Surface Mount Package
S2010= Device code , YY=Date Code
Solid dot=Pin1 indicator
Solid dot = Green molding compound device,
if none,the normal device.
S2010
YY
S2010
YY
V(BR)DSS
RDS(on)MAX
ID
20V
9.5mΩ@4.5V
10A
10mΩ@4V
10.5mΩ@3.5V
11.5mΩ@3.1V
13mΩ@2.5V


Similar Part No. - CJS2010

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1200A ETC2-CJS-1200A Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
Copal Electronics
CJS-1200A COPAL-CJS-1200A Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1200A1 ETC2-CJS-1200A1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
Copal Electronics
CJS-1200A1 COPAL-CJS-1200A1 Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
More results

Similar Description - CJS2010

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com