Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084CD-2.85 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS1084CD-2.85
Description  High Efficiency Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CD-2.85 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS1084CD-2.85 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CD-2.85 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1084
TYPICAL PERFORMANCE CHARACTERISTICS
-2.0
-1.0
0
1.0
2.0
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (° C)
0
1
2
3
4
5
6
0
1
Dropout Voltage
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
-50 -25
0
25
50
75 100 125 150
0
2
4
6
8
10
12
10
2
Short-Circuit Current
Load Regulation
14
0
0
-0.4
0.6
50 60 70 80 90 100 110
0
30
60
0
100
-40
60
0
0.2
0.4
0.6
0.8
1.0
0
50
100
Temperature Stability
Ripple Rejection vs. Current
10
20
30
40
60
70
80
90
0
20
40
60
80
100
1k
10k
100k
Ripple Rejection
10
30
50
70
100
50
2
4
6
-0.6
~
~
~
~
-0.2
0
0.2
0.4
Load Transient Response
200
Line Transient Response
12
13
14
~
~
~
~
-60
-20
0
20
40
Maximum Power Dissipation
TO263 and TO220*
120 130 140 150
10
20
40
50
TIME (µs)
TIME (µs)
CASE TEMPERATURE (° C)
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
FREQUENCY (Hz)
OUTPUT CURRENT (0 TO IFULL LOAD)
INPUT/OUTPUT DIFFERENTIAL (V)
TEMPERATURE (° C)
OUTPUT CURRENT (A)
fR = 120Hz
VRIPPLE≤ 3VP-P
fR =20kHz
VRIPPLE≤ 0.5VP-P
IOUT=IFULL LOAD
(VIN-VOUT)≥VDROPOUT
VRIPPLE≤ 3VP-P
VRIPPLE≤ 0.5VP-P
(VIN-VOUT)
≥ 3V
CADJ = 0
VOUT = 10V
IIN = 0.2A
CIN = 1µF TANTALUM
COUT = 10µF
TANTALUM
VOUT = 10V
VIN = 13V
PRELOAD =
100mA
CIN = 1µF
COUT = 10µF
TANTALUM
CADJ = 0
∆I = 5A
TJ =150° C
TJ =25° C
0
2
4
6
8
10
12
0
5
14
4
3
2
1
9
8
7
6
TJ =-20° C
TJ =-40° C


Similar Part No. - AMS1084CD-2.85

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084CD-2.85 ADMOS-AMS1084CD-2.85 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084CD-2.85

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
Texas Instruments
UC1834-DIE TI-UC1834-DIE_15 Datasheet
199Kb / 6P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Linear Technology
LT1271 LINER-LT1271_15 Datasheet
203Kb / 8P
   4A High Efficiency Switching Regulators
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
logo
Texas Instruments
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Allegro MicroSystems
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com