Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJQ4828 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJQ4828
Description  Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJQ4828 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJQ4828 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4828 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4828 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4828 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4828 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01
23
45
0
5
10
15
20
01
23
45
0
5
10
15
20
246
8
10
0
50
100
150
200
0
5
10
15
20
0
50
100
150
200
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
Pulsed
V
GS= 4.5V
V
GS= 5.0V
V
GS= 10V
V
GS= 4.0V
V
GS= 3.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Output Characteristics
T
a=100
T
a=25
V
DS= 5V
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=25
Pulsed
I
D= 4.5A
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
V
GS= 4.5V
V
GS= 10V
——
I
D
R
DS(ON)
T
a=25
Pulsed
V
SD
I
S
——
SOURCE TO DRAIN VOLTAGE V
SD
(V)
20
25
50
75
100
125
1.7
1.8
1.9
2.0
2.1
2.2
I
D= 250uA
Threshold Voltage
AMBIENT TEMPERATURE T
a
( )
www.cj-elec.com
3
E,Mar,2016


Similar Part No. - CJQ4828

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJQ4828 ZPSEMI-CJQ4828 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
More results

Similar Description - CJQ4828

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com