Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL2046QN Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL2046QN
Description  Temperature measurement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2046QN Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL2046QN Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL2046QN Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
BL2046
conversion rate of the device. During the sample period, the source must charge the internal
sampling capacitor . After the capacitor has been fully charged, there is no further input current.
The rate of charge transfer from the analog source to the converter is a function of conversion rate.
TABLE 1. Input Configuration (DIN), Single-Ended Reference Mode (SER/
high).
TABLE 2. Input Configuration (DIN), Differential Reference Mode (SER/
low).
Internal Reference
The BL2046 has an internal 2.5V voltage reference that can be turned on or off with the control bit,
PD1 (see Table 5 ). Typically, the internal reference voltage is only used in the single-ended mode
for battery monitoring, temperature measurement, and for using the auxiliary input. Optimal touch
screen performance is achieved when using the differential mode.
Reference Input
The voltage difference between +REF and –REF sets the analog input range. The BL2046
operates with a reference in the range of 1V to +VCC. There are several critical items concerning
the reference input and its wide voltage range. As the reference voltage is reduced, the analog
voltage weight of each digital output code is also reduced. This is often referred to as the LSB
size and is equal to the reference voltage divided by 4096 in 12-bit mode. Any offset or gain error
inherent in the ADC appears to increase, in terms of LSB size, as the reference voltage is reduced.
With a lower reference voltage, more care must be taken to provide a clean layout including
adequate bypassing, a clean power supply, a low-noise reference, and a low-noise input signal.
The voltage into the VREF input directly drives the capacitor digital-to-analog converter (CDAC)
portion of the BL2046. Therefore, the input current is very low.
There is also a critical item regarding the reference when making measurements while the switch
drivers are ON. For this discussion, it is useful to consider the typical application of the BL2046.
http://www.belling.com.cn
- 6 -
Total 6 Pages


Similar Part No. - BL2046QN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
logo
Bolymin, Inc
BL2002A BOLYMIN-BL2002A Datasheet
97Kb / 1P
   OLED Display COB with metal frame
BL2002A1 BOLYMIN-BL2002A1 Datasheet
234Kb / 1P
   COG package
BL2002A1 BOLYMIN-BL2002A1_17 Datasheet
234Kb / 1P
   COG package
BL2002AW BOLYMIN-BL2002AW Datasheet
309Kb / 1P
   COG with SMT
More results

Similar Description - BL2046QN

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Texas Instruments
BQ26221 TI1-BQ26221_16 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com