Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL2046TS Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL2046TS
Description  Temperature measurement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2046TS Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL2046TS Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL2046TS Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
BL2046
Figure 3. Diagram of Differential Reference (SER/
low, Y switches enabled, X+ is
analog input).
Touch Screen Setting
In some applications, external capacitors may be required across the touch screen for filtering
noise picked up by the touch screen. These capacitors provide a low-pass filter to reduce the noise,
but cause a settling time requirement when the panel is touched that typically shows up as a gain
error. There are several methods for minimizing or eliminating this issue. The problem is the input
and/or reference has not settled to the final steady-state value prior to the ADC sampling the
input(s) and providing the digital output. Additionally, the reference voltage may still be changing
during the measurement cycle. Option 1 is to stop or slow down the BL2046 DCLK for the
required touch screen settling time. This allows the input and reference to have stable values for
the Acquire period (3 clock cycles of the BL2046; see Figure 7). This works for both the
single-ended and the differential modes. Option 2 is to operate the BL2046 in the differential
mode only for the touch screen measurements and command the BL2046 to remain on (touch
screen drivers ON) and not go into power-down (PD0 = 1). Several conversions are made
depending on the settling time required and the BL2046 data rate. Once the required number of
conversions have been made, the processor commands the BL2046 to go into its power-down state
on the last measurement. This process is required for X-Position, Y-Position, and Z-Position
measurements. Option 3 is to operate in the 15 Clock-per-Conversion mode, which overlaps the
analog-to-digital conversions and maintains the touch screen drivers on until commanded to stop
by the processor (see Figure 11).
Tempeature Mesurement
http://www.belling.com.cn
- 8 -
Total 8 Pages


Similar Part No. - BL2046TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL200-H04-I ETC2-BL200-H04-I Datasheet
317Kb / 4P
   80mm Brushless DC Motor, 200W, 48V
logo
Bolymin, Inc
BL2002A BOLYMIN-BL2002A Datasheet
97Kb / 1P
   OLED Display COB with metal frame
BL2002A1 BOLYMIN-BL2002A1 Datasheet
234Kb / 1P
   COG package
BL2002A1 BOLYMIN-BL2002A1_17 Datasheet
234Kb / 1P
   COG package
BL2002AW BOLYMIN-BL2002AW Datasheet
309Kb / 1P
   COG with SMT
More results

Similar Description - BL2046TS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Texas Instruments
BQ26221 TI1-BQ26221_16 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com