Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6212CP Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL6212CP
Description  External gain configuration capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6212CP Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6212CP Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6212CP Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BL6212
http://www.belling.com.cn
- 6 -
Total 10 Pages
PO
Output Power
THD+N<=1%,
f=1KHz,
8
Load
480
mW
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=217Hz
55
68
dB
PSRR
Power Supply Rejection Ratio
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=1KHz
55
63
dB
TWU
Wake-up time
84
ms
ROUT
Resistor Output to GND
8.3
k
VDD = 2.6V
Spec
Symbol
Parameter
Conditions
Mi
n.
Typ.
Max.
Units
VIN = 0V, 8 Load
2.7
mA
IDD
Quiescent
Power
Supply
Current
VIN = 0V, No Load
2.5
mA
ISD
Shutdown Current
VIN=0V, VSHD=GND, No
Load
0.1
uA
VOS
Output Offset Voltage
-50
4
50
mV
THD+N
Total
Harmonic
Distortion+Noise
Po=0.15Wrms,
f=1KHz,
0.12
%
PO
Output Power
THD+N<=1%,
f=1KHz,
8
Load
365
mW
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=217Hz
55
67
dB
PSRR
Power Supply Rejection Ratio
Input terminated with 10 ,
VDDRIPPLE=0.2VP-P, f=1KHz
55
62
dB
TWU
Wake-up time
80
ms
ROUT
Resistor Output to GND
8.3
k


Similar Part No. - BL6212CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6211 BELLING-BL6211 Datasheet
277Kb / 10P
   1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
BL6213 BELLING-BL6213 Datasheet
234Kb / 8P
   External gain configuration capability
More results

Similar Description - BL6212CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6290 BELLING-BL6290 Datasheet
797Kb / 11P
   External gain configuration capability
BL6213 BELLING-BL6213 Datasheet
234Kb / 8P
   External gain configuration capability
logo
STMicroelectronics
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
   ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
logo
Maxim Integrated Produc...
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
   DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
Intronics Power, Inc.
IA175 INTRONICS-IA175 Datasheet
525Kb / 6P
   ULTRA-LINEAR ISOLATION AMPLIFIER WITH EXTERNAL SYNC CAPABILITY
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
logo
Sharp Corporation
S102S03 SHARP-S102S03 Datasheet
56Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S101S05V SHARP-S101S05V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
logo
Sipex Corporation
SP8036 SIPEX-SP8036 Datasheet
245Kb / 6P
   APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com