Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8070CA5TR Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8070CA5TR
Description  Low Power Consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8070CA5TR Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8070CA5TR Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8070CA5TR Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8070
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Limit
Unit
Supply voltage range
VCC
-0.5~7
V
Input voltage range
VIN
Output voltage range
VOUT
DC Input Diode Current
IIK
±20
mA
DC Output Diode Current
IOK
DC Output Current
IOL/IOH
±25
Storage Temperature Range
Tstg
-40 to 150
C
Package Power Dissipation @ +70°C
Pd
200
mW
THERMAL RESISTANCE RATING
Parameter
Device
Symbol
Limit
Unit
Package thermal impedance
SOT23-5-1.7
θJA
252
C /W
SO23-5-1.3
206
SC70-5
142
RECOMMENDED OPERATING CONDITION
Tj=25C
Parameter
Symbol
Min.
Max.
Unit
Supply voltage
VCC
1.65
6
V
Input voltage
VIN
0
VCC
Output voltage
VOUT
0
VCC
High-level input voltage
VCC = 2 V
VIH
1.3
VCC = 3 V
1.8
VCC = 6 V
3.2
Low-level input voltage
VCC = 2 V
VIL
0.7
VCC = 3 V
1.0
VCC = 6 V
2.2
High-level output current
VCC = 2 V
IOH
-50
μ A
VCC = 3.3±0.3 V
-8
mA
VCC = 6±0.5 V
-16
Low-level output current
VCC = 2 V
IOL
50
μ A
VCC = 3.3±0.3 V
8
mA
VCC = 6±0.5 V
16
Input transition rise or fall rate
VCC = 3.3±0.3 V
Δt/Δv
100
ns/V
VCC = 6±0.5 V
20
Operation Temperature
TA
-40 to 85
C


Similar Part No. - BL8070CA5TR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR121 BELLING-BL8071CLATR121 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR181 BELLING-BL8071CLATR181 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR251 BELLING-BL8071CLATR251 Datasheet
947Kb / 5P
   1.5A Linear Regulator
BL8071CLATR331 BELLING-BL8071CLATR331 Datasheet
947Kb / 5P
   1.5A Linear Regulator
More results

Similar Description - BL8070CA5TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com