Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4802 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP4802
Description  SPI Interface with 20 MHz Clock Support
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP4802_15 Datasheet HTML 6Page - Microchip Technology MCP4802_15 Datasheet HTML 7Page - Microchip Technology MCP4802_15 Datasheet HTML 8Page - Microchip Technology MCP4802_15 Datasheet HTML 9Page - Microchip Technology MCP4802_15 Datasheet HTML 10Page - Microchip Technology MCP4802_15 Datasheet HTML 11Page - Microchip Technology MCP4802_15 Datasheet HTML 12Page - Microchip Technology MCP4802_15 Datasheet HTML 13Page - Microchip Technology MCP4802_15 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP4802/4812/4822
DS20002249B-page 10
 2010-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-7:
DNL vs. Code and
Temperature (MCP4812).
FIGURE 2-8:
INL vs. Code and
Temperature (MCP4812).
FIGURE 2-9:
DNL vs. Code and
Temperature (MCP4802).
FIGURE 2-10:
INL vs. Code and
Temperature (MCP4802).
FIGURE 2-11:
Full-Scale VOUTA vs.
Ambient Temperature and VDD. Gain = 1x.
FIGURE 2-12:
Full-Scale VOUTA vs.
Ambient Temperature and VDD. Gain = 2x.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
128
256
384
512
640
768
896 1024
Code
- 40
oC
+25
oC to +125oC
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
128
256
384
512
640
768
896 1024
Code
25
oC
85
oC
125
oC
- 40
oC
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0
32
64
96
128 160 192 224 256
Code
34
Temperature: - 40
oC to +125oC
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
326496
128
160
192
224
256
Code
- 40
oC
25
oC
85
oC
125
oC
2.040
2.041
2.042
2.043
2.044
2.045
2.046
2.047
2.048
2.049
2.050
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (°C)
VDD: 4V
VDD: 3V
VDD: 2.7V
4.076
4.080
4.084
4.088
4.092
4.096
4.100
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
VDD: 5.5V
VDD: 5V


Similar Part No. - MCP4802_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4802-E/MS MICROCHIP-MCP4802-E/MS Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802-E/P MICROCHIP-MCP4802-E/P Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802-E/SN MICROCHIP-MCP4802-E/SN Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802T-E/MS MICROCHIP-MCP4802T-E/MS Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802T-E/P MICROCHIP-MCP4802T-E/P Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
More results

Similar Description - MCP4802_15

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6138 HOLTIC-HI-6138 Datasheet
5Mb / 254P
   40 MHz SPI Host Interface
HI-6137 HOLTIC-HI-6137 Datasheet
5Mb / 230P
   40 MHz SPI Host Interface
HI-6136 HOLTIC-HI-6136 Datasheet
5Mb / 206P
   40 MHz SPI Host Interface
HI-6135 HOLTIC-HI-6135 Datasheet
4Mb / 172P
   40 MHz SPI Host Interface
logo
STMicroelectronics
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Texas Instruments
DS90CR288AMTDX TI-DS90CR288AMTDX Datasheet
1Mb / 24P
[Old version datasheet]   20 to 85 MHz Shift Clock Support, 50% Duty Cycle on Receiver Output Clock
logo
STMicroelectronics
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
   1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
logo
Analog Devices
ADIS16006 AD-ADIS16006_15 Datasheet
242Kb / 16P
   Accelerometer with SPI Interface
REV. C
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
Analog Devices
ADIS16003 AD-ADIS16003_15 Datasheet
228Kb / 16P
   Accelerometer with SPI Interface
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com