Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFH120 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # CFH120
Description  Preliminary Datasheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH120 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button CFH120 Datasheet HTML 4Page - Infineon Technologies AG CFH120 Datasheet HTML 5Page - Infineon Technologies AG CFH120 Datasheet HTML 6Page - Infineon Technologies AG CFH120 Datasheet HTML 7Page - Infineon Technologies AG CFH120 Datasheet HTML 8Page - Infineon Technologies AG CFH120 Datasheet HTML 9Page - Infineon Technologies AG CFH120 Datasheet HTML 10Page - Infineon Technologies AG CFH120 Datasheet HTML 11Page - Infineon Technologies AG CFH120 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GaAs HEMT
CFH120
________________________________________________________________________________________________________
Infineon Technologies AG
page 8/20
Wireless Solutions
Rev. 3.0/January 11
th, 2002
WS TI DS 12
Typical Measured Data CFH120-06
Common Source S – Parameters (VDD=2V, ID=20mA, Z0=50
Ω)
Freq
[GHz]
Mag
Phase
Mag
Phase
Mag
Phase
Mag
Phase
1.0
0.975
-22.4
6.940
158.6
0.025
72.4
0.641
-16.9
1.5
0.957
-29.3
6.842
152.2
0.033
68.0
0.628
-22.5
2.0
0.937
-39.1
6.751
142.9
0.043
62.3
0.611
-30.5
2.5
0.918
-49.0
6.673
133.7
0.053
55.0
0.592
-38.6
3.0
0.892
-59.0
6.588
124.8
0.063
48.1
0.566
-46.5
3.5
0.863
-69.6
6.506
115.7
0.071
41.7
0.538
-54.5
4.0
0.831
-80.1
6.377
106.6
0.079
35.1
0.507
-62.4
4.5
0.797
-90.3
6.208
97.9
0.086
28.4
0.477
-70.5
5.0
0.764
-100.1
6.052
89.4
0.092
22.0
0.446
-78.9
5.5
0.731
-110.4
5.923
80.8
0.098
16.1
0.411
-87.3
6.0
0.696
-121.2
5.798
72.2
0.102
10.1
0.374
-96.7
6.5
0.658
-133.2
5.650
63.5
0.107
4.3
0.336
-107.3
7.0
0.625
-145.9
5.454
54.7
0.110
-1.8
0.299
-119.3
7.5
0.599
-158.6
5.236
45.9
0.112
-8.3
0.267
-132.1
8.0
0.581
-171.1
5.026
37.6
0.114
-14.0
0.239
-145.9
8.5
0.568
176.8
4.834
29.2
0.115
-19.4
0.217
-160.8
9.0
0.557
164.2
4.671
20.6
0.115
-24.6
0.203
-177.4
9.5
0.548
151.9
4.470
12.4
0.114
-29.7
0.200
165.3
10.0
0.545
139.9
4.242
4.8
0.113
-34.9
0.206
148.2
10.5
0.553
128.6
4.036
-2.7
0.111
-39.9
0.219
132.4
11.0
0.568
118.1
3.867
-10.0
0.109
-44.8
0.238
118.3
11.5
0.586
108.0
3.701
-17.6
0.106
-49.2
0.264
106.3
12.0
0.602
98.8
3.509
-25.1
0.104
-52.8
0.295
96.7
12.5
0.613
91.0
3.299
-32.1
0.101
-56.4
0.324
90.2
13.0
0.618
84.6
3.125
-38.2
0.099
-59.6
0.347
85.1
13.5
0.625
78.7
2.994
-43.9
0.097
-62.6
0.364
80.0
14.0
0.640
71.9
2.891
-50.2
0.096
-66.4
0.378
74.3
14.5
0.660
64.5
2.800
-57.0
0.093
-70.0
0.396
68.0
15.0
0.679
56.7
2.690
-64.3
0.091
-73.5
0.424
61.5
15.5
0.690
49.8
2.533
-71.2
0.089
-76.9
0.460
55.4
16.0
0.699
44.5
2.367
-77.0
0.086
-80.5
0.491
50.0
16.5
0.714
40.8
2.242
-81.9
0.082
-84.1
0.510
45.9
17.0
0.737
37.7
2.184
-86.9
0.077
-85.9
0.515
42.5
17.5
0.759
33.4
2.148
-92.7
0.075
-87.4
0.525
38.9
18.0
0.775
29.9
2.126
-97.3
0.074
-88.6
0.538
36.2
S11
S21
S12
S22


Similar Part No. - CFH120

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
More results

Similar Description - CFH120

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
   GPS Receiver IC Preliminary Datasheet
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
logo
Infineon Technologies A...
DDB6U50N16W1RP INFINEON-DDB6U50N16W1RP Datasheet
477Kb / 15P
   Preliminary datasheet EasyBRIDGE module with chopper configuration and pre-applied Thermal Interface Material
0.10 2021-07-28
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com