Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3619-33 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3619-33
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3619-33 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3619-33 Datasheet HTML 4Page - Texas Instruments TPS3619-33 Datasheet HTML 5Page - Texas Instruments TPS3619-33 Datasheet HTML 6Page - Texas Instruments TPS3619-33 Datasheet HTML 7Page - Texas Instruments TPS3619-33 Datasheet HTML 8Page - Texas Instruments TPS3619-33 Datasheet HTML 9Page - Texas Instruments TPS3619-33 Datasheet HTML 10Page - Texas Instruments TPS3619-33 Datasheet HTML 11Page - Texas Instruments TPS3619-33 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
0
1
2
3
4
5
6
−35
−30
−25
−20
−15
−10
−5
0
TA = −40°C
TA = 85°C
TA = 0°C
TA = 25°C
IOH − High-Level Output Current − mA
VDD = 5 V
VBAT = GND
4.5
4.6
4.7
4.8
4.9
5
5.1
−5
−4.5
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
IOH − High-Level Output Current − mA
VDD = 5 V
VBAT = GND
Expanded View
0
1
2
3
4
5
6
−2.5
−2
−1.5
−1
−0.5
0
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
IOH − High-Level Output Current − mA
VDD = 5.5 V
PFI = 1.4 V
VBAT = GND
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
5.50
5.55
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
IOH − High-Level Output Current − µA
VDD = 5.5 V
PFI = 1.4 V
VBAT = GND
Expanded View
TPS3619-33,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387H – APRIL 2001 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
HIGH-LEVEL OUTPUT VOLTAGE AT RESET
HIGH-LEVEL OUTPUT VOLTAGE AT RESET
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 5.
Figure 6.
HIGH-LEVEL OUTPUT VOLTAGE AT PFO
HIGH-LEVEL OUTPUT VOLTAGE AT PFO
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS3619-33 TPS3619-50 TPS3620-33 TPS3620-50


Similar Part No. - TPS3619-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33DGK TI-TPS3619-33DGK Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3619-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com