Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3806I33DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806I33DBVRG4
Description  Dual Voltage Detector with Adjustable Hysteresis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3806I33DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3806I33DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3806I33DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TIMING REQUIREMENTS
TPS3806J20
TPS3806I33
SLVS393A – JULY 2001 – REVISED NOVEMBER 2004
MIN
MAX
UNIT
Supply voltage, VDD
1.3
6
V
Input voltage, VI
0
VDD + 0.3
V
Operating free-air temperature range, TA
-40
+85
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 1.5 V, IOL = 1 mA
VOL
Low-level output voltage
VDD = 3.3 V, IOL = 2 mA
0.3
V
VDD = 6 V, IOL = 3 mA
Power-up reset voltage(1)
VDD ≥ 0.8 V, IOL = 50 µA
0.2
V
LSENSE
1.198
1.207
1.216
TPS3806J20
TA = +25°C
1.787
1.8
1.813
V
TPS3806I33
2.978
3.0
3.022
LSENSE
1.188
1.207
1.226
Negative-going
VIT
TPS3806J20
TA = 0°C to +70°C
1.772
1.8
1.828
V
input threshold voltage(2)
TPS3806I33
2.952
3.0
3.048
LSENSE
1.183
1.207
1.231
TPS3806J20
TA = -40°C to +85°C
1.764
1.8
1.836
V
TPS3806I33
2.94
3.0
3.06
1.2 V < VIT < 2.5 V
60
Vhys
Hysteresis
mV
2.5 V < VIT < 3.5 V
90
II
Input current
LSENSE, HSENSE
-25
25
nA
IOH
High-level output current
VDD = VIT + 0.2 V, VOH = VDD
300
nA
VDD = 3.3 V, Output unconnected
3
5
IDD
Supply current
µA
VDD = 6 V, Output unconnected
4
6
Ci
Input capacitance
VI = 0 V to VDD
1
pF
(1)
The lowest supply voltage at which RESET becomes active. tr,VDD ≥ 15 µs/V
(2)
To ensure best stability of the threshold voltage, place a bypass capacitor (ceramic, 0.1 µF) near the supply terminals.
at R
L = 1 MΩ, CL = 50 pF, TA = -40°C to +85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD to RESET delay
Propagation (delay) time,
tPHL
5
100
µs
high-to-low-level output
LSENSE to RSTSENSE delay
VIH = 1.05 x VIT,
VIL = 0.95 x VIT
VDD to RESET delay
Propagation (delay) time,
tPLH
5
100
µs
low-to-high-level output
HSENSE to RSTSENSE delay
at R
L = 1 MΩ, CL = 50 pF, TA = -40°C to +85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At VDD
tw
Pulse width
VIH = 1.05 x VIT, VIL = 0.95 x VIT
5.5
µs
At SENSE
3


Similar Part No. - TPS3806I33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33DBVRG4 TI1-TPS3806I33DBVRG4 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Similar Description - TPS3806I33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com