Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3803-01 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3803-01
Description  Voltage Detectors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803-01 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3803-01 Datasheet HTML 3Page - Texas Instruments TPS3803-01 Datasheet HTML 4Page - Texas Instruments TPS3803-01 Datasheet HTML 5Page - Texas Instruments TPS3803-01 Datasheet HTML 6Page - Texas Instruments TPS3803-01 Datasheet HTML 7Page - Texas Instruments TPS3803-01 Datasheet HTML 8Page - Texas Instruments TPS3803-01 Datasheet HTML 9Page - Texas Instruments TPS3803-01 Datasheet HTML 10Page - Texas Instruments TPS3803-01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0.7
0.6
0.5
0.4
0
2
4
6
8
10
12
0.8
0.9
1
14
16
18
20
85°C
0°C
25°C
-40 °C
VDD = 6 V
V(SENSE) = Low
0.3
0.2
0.1
0
(Expanded View)
I
– Low-Level Output Current – mA
OL
2
1.5
1
0.5
0
5
10
15
20
25
30
2.5
3
3.5
35
40
45
50
85°C
0°C
25°C
-40 °C
VDD = 6 V
V(SENSE) = Low
0
I
– Low-Level Output Current – mA
OL
1.00
0.80
0.60
0.40
0
1
2
3
4
5
1.20
1.40
1.60
I
– Low-Level Output Current – mA
OL
0.20
0
VDD = 1.5 V
V(SENSE) = Low
85°C
0°C
25°C
-40 °C
0.35
0.30
0.25
0.20
0
0.5
1
1.5
2
2.5
3
0.40
0.45
0.50
0.15
0.10
0.05
0
85°C
0°C
25°C
-40 °C
VDD = 1.5 V
V(SENSE) = Low
(Expanded View)
I
– Low-Level Output Current – mA
OL
3
2
1
0
0
0.5
1
1.5
2 2.5
3
4
5
6
3.5
4
4.5 5
5.5
6
SENSE = GND
RESET = Open
85°C
0°C
25°C
-40 °C
V
– Supply Voltage – V
DD
1.5
1
0.5
0
0
0.5
1
1.5
2 2.5
3
2
2.5
3
3.5
4
4.5 5
5.5
6
SENSE = GND
RESET = Open
85°C
0°C
-40 °C
25°C
V
– Supply Voltage – V
DD
TPS3803-01-Q1
TPS3803G15-Q1, TPS3805H33-Q1
www.ti.com
SGLS228C – DECEMBER 2003 – REVISED SEPTEMBER 2015
7.9 Typical Characteristics
Figure 2. TPS3805H33-Q1 Supply Current vs Supply Voltage
Figure 3. TPS3803-01-Q1 Supply Current vs Supply Voltage
Figure 4. Low-Level Output Voltage vs Low-Level Output
Figure 5. Low-Level Output Voltage vs Low-Level Output
Current
Current
Figure 6. Low-Level Output Voltage vs Low-Level Output
Figure 7. Low-Level Output Voltage vs Low-Level Output
Current
Current
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3803-01-Q1 TPS3803G15-Q1 TPS3805H33-Q1


Similar Part No. - TPS3803-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803-01 TI-TPS3803-01 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01 TI-TPS3803-01 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01-EP TI-TPS3803-01-EP Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3803-01

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com