Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3130 Datasheet(PDF) 6 Page - Microchip Technology

Part # MGC3130
Description  Audio Products
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 2Page - Microchip Technology MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
NC
26
14
——
Reserved: do not connect.
VSS1
27
16
P
Common ground reference for analog and digital domains.
VDD
28
17
P
Positive supply for peripheral logic and I/O pins. It requires an external filtering capaci-
tor (100 nF).
EXP
29
P
Exposed pad. It should be connected to Ground.
TABLE 3:
PIN SUMMARY
Pin Name
Pin Number
Pin Type
Buffer Type
Description
28-QFN
28-SSOP
Legend:
P = Power; ST = Schmitt Trigger input with CMOS levels; O = Output; I = Input; — = N/A


Similar Part No. - MGC3130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 49P
   MGC3140 3D Tracking and Gesture Controller Data Sheet
2018
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 46P
   MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
   Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
More results

Similar Description - MGC3130

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SSWFS-S01-AA05-HWH SUNTSU-SSWFS-S01-AA05-HWH Datasheet
174Kb / 2P
   Audio products
SSWFS-S01-AE11-C20 SUNTSU-SSWFS-S01-AE11-C20 Datasheet
185Kb / 2P
   Audio products
SSWFS-S01-BB05-HWH SUNTSU-SSWFS-S01-BB05-HWH Datasheet
197Kb / 2P
   Audio products
SSWFS-S01-AA09-HWH SUNTSU-SSWFS-S01-AA09-HWH Datasheet
177Kb / 2P
   Audio products
SSWFS-S01-AC05-HWH SUNTSU-SSWFS-S01-AC05-HWH Datasheet
171Kb / 2P
   Audio products
SSWFS-S01-AE05-HWH SUNTSU-SSWFS-S01-AE05-HWH Datasheet
173Kb / 2P
   Audio products
SSWFS-S01-AE11-HWH-C25 SUNTSU-SSWFS-S01-AE11-HWH-C25 Datasheet
186Kb / 2P
   Audio products
SSWFS-S01-AC11-HWH-C25 SUNTSU-SSWFS-S01-AC11-HWH-C25 Datasheet
184Kb / 2P
   Audio products
SSWFS-S01-AE11-HWH-C20 SUNTSU-SSWFS-S01-AE11-HWH-C20 Datasheet
186Kb / 2P
   Audio products
SSWFS-S01-BA05-HH SUNTSU-SSWFS-S01-BA05-HH Datasheet
196Kb / 2P
   Audio products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com