Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3805H33 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3805H33
Description  Voltage Detectors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3805H33 Datasheet(HTML) 4 Page - Texas Instruments

  TPS3805H33 Datasheet HTML 1Page - Texas Instruments TPS3805H33 Datasheet HTML 2Page - Texas Instruments TPS3805H33 Datasheet HTML 3Page - Texas Instruments TPS3805H33 Datasheet HTML 4Page - Texas Instruments TPS3805H33 Datasheet HTML 5Page - Texas Instruments TPS3805H33 Datasheet HTML 6Page - Texas Instruments TPS3805H33 Datasheet HTML 7Page - Texas Instruments TPS3805H33 Datasheet HTML 8Page - Texas Instruments TPS3805H33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS3803-01-Q1
TPS3803G15-Q1, TPS3805H33-Q1
SGLS228C – DECEMBER 2003 – REVISED SEPTEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage(2)
7
7
V
Voltage applied to all other pins(2)
–0.3
7
V
IOL
Maximum low-level output current
5
mA
IOH
Maximum high-level output current
–5
mA
IIK
Input clamp current
VI < 0 or VI > VDD
±10
mA
IOK
Output clamp current
VO < 0 or VO > VDD
±10
mA
PD
Continuous total power dissipation
See Dissipation Ratings
TA
Operating free-air temperature
–40
125
°C
Tsolder
Soldering temperature
260
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device should not be continuously operated at 7 V for more than
t = 1000 h.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Supply voltage
1.3
6
V
VI
Input voltage
0
VDD + 0.3
V
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
TPS3803x-Q1
TPS3805x-Q1
THERMAL METRIC(1)
UNIT
DCK (SC-70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
246.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
68.2
°C/W
RθJB
Junction-to-board thermal resistance
78.4
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
77.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS3803-01-Q1 TPS3803G15-Q1 TPS3805H33-Q1


Similar Part No. - TPS3805H33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3805H33 TI-TPS3805H33 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3805H33-EP TI-TPS3805H33-EP Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3805H33-EP TI1-TPS3805H33-EP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3805H33-Q1 TI-TPS3805H33-Q1 Datasheet
327Kb / 14P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3805H33DCKR TI1-TPS3805H33DCKR Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3805H33

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com