Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813K33DBVRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3813K33DBVRG4
Description  Family Processor Supervisory Circuits With Window-Watchdog
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3813K33DBVRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3813K33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 14Page - Texas Instruments TPS3813K33DBVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Window Frame to Reset the WDI
tboundary, min
tboundary, max
tboundary, typ
Detection of
Rising Edge
WDI
t
twindow, min
twindow, typ
twindow, max
11
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
www.ti.com
SLVS331H – DECEMBER 2000 – REVISED JULY 2016
Product Folder Links: TPS3813J25 TPS3813L30 TPS3813K33 TPS3813I50
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8.5 Programming
8.5.1 Implementing Window-Watchdog Settings
There are two ways to configure the watchdog timer window the most flexible is to connect a capacitor to WDT to
set the upper boundary of the window watchdog while connecting WDR to either VDD or GND, thus setting the
lower boundary. The other way to configure the timing is by wiring the WDT and WDR pin to either VDD or GND.
By hardwiring the pins to either VDD or GND there are four different timings available; these settings are listed in
Table 2.
Table 2. Cap-Free Timer Settings
SELECTED OPERATION MODE
WINDOW FRAME
LOWER WINDOW FRAME
WDT = 0 V
WDR = 0 V
Max = 0.3 s
Max = 9.46 ms
Typ = 0.25 s
Typ = 7.86 ms
Min = 0.2 s
Min = 6.27 ms
WDR = VDD
Max = 0.3 s
Max = 2.43 ms
Typ = 0.25 s
Typ = 2 ms
Min = 0.2 s
Min = 1.58 ms
WDT = VDD
WDR = 0 V
Max = 3 s
Max = 93.8 ms
Typ = 2.5 s
Typ = 78.2 ms
Min = 2 s
Min = 62.5 ms
WDR = VDD
Max = 3 s
Max = 23.5 ms
Typ = 2.5 s
Typ = 19.6 ms
Min = 2 s
Min = 15.6 ms
To visualize the values named in the table, a timing diagram was prepared. It is used to describe the upper and
lower boundary settings. For an application, the important boundaries are the tboundary,max and twindow,min. Within
these values, the watchdog timer must be retriggered to avoid a time-out condition or a boundary violation in the
event of a trigger pulse in the lower boundary. The values in the table above are typical and worst-case
conditions. They are valid over the whole temperature range of –40°C to +85°C.
In the shaded area of Figure 7, it cannot be predicted if the device detects a violation or not and release a reset.
This is also the case between the boundary tolerance of tboundary,min and tboundary,max as well as between twindow,min
and twindow,max. It is important to set up the trigger pulses accordingly to avoid violations in these areas.
Figure 7. Upper and Lower Boundary Visualization
8.5.2 Programmable Window-Watchdog by Using an External Capacitor
The upper boundary of the watchdog timer can be set by an external capacitor connected between the WDT pin
and GND. Common consumer electronic capacitors can be used to implement this feature. They must have low
ESR and low tolerances because the tolerances have to be considered if the calculations are performed. The
first formula is used to calculate the upper window frame. After calculating the upper window frame, the lower
boundary can be calculated. As in the last example, the most important values are the tboundary,max and twindow,min.
The trigger pulse has to fit into this window frame.
The external capacitor must have a value between a minimum of 155 pF and a maximum of 63 nF.


Similar Part No. - TPS3813K33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813K33DBVRG4 TI-TPS3813K33DBVRG4 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results

Similar Description - TPS3813K33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com