Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3828-50DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3828-50DBVTG4
Description  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3828-50DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3828-50DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS3828-50DBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics
over operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS382x-25
VDD = VIT− + 0.2 V, IOH = –20 μA
TPS382x-30
0.8 × VDD
RESET
TPS382x-33
VDD = VIT− + 0.2 V, IOH = –30 μA
TPS382xA-33
TPS382x-50
VDD = VIT− + 0.2 V IOH = –120 μA
VDD − 1.5 V
TPS3824-25
VDD ≥ 1.8 V, IOH = –100 μA
VOH
High-level output voltage
TPS3825-25
V
TPS3824-30
TPS3825-30
RESET
0.8 × VDD
TPS3824-33
VDD ≥ 1.8 V, IOH = –150 μA
TPS3825-33
TPS3824-50
TPS3825-50
TPS3824-25
VDD = VIT− + 0.2 V, IOL = 1 mA
TPS3825-25
TPS3824-30
TPS3825-30
RESET
VDD = VIT− + 0.2 V, IOL = 1.2 mA
0.4
TPS3824-33
TPS3825-33
TPS3824-50
VOL
Low-level output voltage
V
VDD = VIT− + 0.2 V, IOL = 3 mA
TPS3825-50
TPS382x-25
VDD = VIT− – 0.2 V, IOL = 1 mA
TPS382x-30
RESET
VDD = VIT− – 0.2 V, IOL = 1.2 mA
0.4
TPS382x-33
TPS382xA-33
TPS382x-50
VDD = VIT− – 0.2 V, IOL = 3 mA
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 20 μA
0.4
V
TPS382x-25
2.21
2.25
2.30
TPS382x-30
2.59
2.63
2.69
TA = 0°C to 85°C
TPS382x-33
2.88
2.93
3
TPS382xA-33
TPS382x-50
4.49
4.55
4.64
Negative-going input
VIT−
V
threshold voltage (2)
TPS382x-25
2.20
2.25
2.30
TPS382x-30
2.57
2.63
2.69
TA = –40°C to 85°C
TPS382x-33
2.86
2.93
3
TPS382xA-33
TPS382x-50
4.46
4.55
4.64
TPS382x-25
TPS382x-30
30
Vhys
Hysteresis at VDD input
mV
TPS382x-33
TPS382xA-33
TPS382x-50
50
IIH(AV)
Average high-level input current
WDI = VDD, time average (DC = 88%)
120
WDI
µA
IIL(AV)
Average low-level input current
WDI = 0.3 V, VDD = 5.5 V time average (DC = 12%)
–15
WDI
WDI = VDD
140
190
IIH
High-level input current
µA
MR
MR = VDD × 0.7, VDD = 5.5 V
–40
–60
WDI
WDI = 0.3 V, VDD = 5.5 V
140
190
IIL
Low-level input current
µA
MR
MR = 0.3 V, VDD = 5.5 V
–110
–160
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 μs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
μF) should be placed near the supply terminals.
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828


Similar Part No. - TPS3828-50DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3828-50DBVTG4 TI-TPS3828-50DBVTG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3828-50DBVTG4 TI-TPS3828-50DBVTG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3828-50DBVTG4 TI-TPS3828-50DBVTG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3828-50DBVTG4 TI1-TPS3828-50DBVTG4 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3828-50DBVTG4 TI1-TPS3828-50DBVTG4 Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
More results

Similar Description - TPS3828-50DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com