Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRR040P03FRA Datasheet(PDF) 4 Page - Rohm

Part # RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRR040P03FRA Datasheet(HTML) 4 Page - Rohm

  RRR040P03FRA Datasheet HTML 1Page - Rohm RRR040P03FRA Datasheet HTML 2Page - Rohm RRR040P03FRA Datasheet HTML 3Page - Rohm RRR040P03FRA Datasheet HTML 4Page - Rohm RRR040P03FRA Datasheet HTML 5Page - Rohm RRR040P03FRA Datasheet HTML 6Page - Rohm RRR040P03FRA Datasheet HTML 7Page - Rohm RRR040P03FRA Datasheet HTML 8Page - Rohm RRR040P03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
zElectrical characteristic curves
0.1
1
10
100
1000
10000
0.0001
0.01
1
100
T
a=25ºC
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
P
W = 100μs
DC Operation
T
a=25ºC
Single Pulse
Mounted on a ceramic board.
(30mm
30mm
0.8mm)
Operation in this area
is limited by R
DS(on)
(V
GS = 10V)
P
W = 10ms
P
W = 1ms
0
20
40
60
80
100
120
050
100
150
200
Fig.1 Power Dissipation Derating Curve
Junction Temperature : Tj [ C]
Fig.2 Maximum Safe Operating Area
Drain - Source Voltage : -V
DS [V]
Fig.3 Normalized Transient Thermal
Resistance vs. Pulse Width
Pulse Width : P
W [s]
Fig.4 Single Pulse Maxmum Power
dissipation
Pulse Width : P
W [s]
0.001
0.01
0.1
1
10
0.0001
0.01
1
100
T
a=25ºC
Single Pulse
Rth(ch-a)=62.5ºC/W
Rth(ch-a)(t)=r(t)
Rth(ch-a)
Mounted on ceramic board.
(30mm
30mm
0.8mm)
top
D=1
D=0.5
D=0.1
D=0.05
D=0.01
bottom Signle
4/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Similar Part No. - RRR040P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRR040P03 ROHM-RRR040P03 Datasheet
301Kb / 6P
   4V Drive Pch MOSFET
RRR040P03 ROHM-RRR040P03 Datasheet
155Kb / 6P
   4V Drive Pch MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RRR040P03TL ROHM-RRR040P03TL Datasheet
155Kb / 6P
   4V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RRR040P03TL VBSEMI-RRR040P03TL Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RRR040P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
   Pch -30V -4A Power MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
   Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
RF4L040AT ROHM-RF4L040AT Datasheet
2Mb / 14P
   Pch -60V -4A Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com