Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100E016 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 100E016
Description  8-Bit Synchronous Binary Up Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

100E016 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  100E016 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD. 100E016 Datasheet HTML 9Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HIGH-PER.ORMANCE PRODUCTS
1
www.semtech.com
Revision 1/.ebruary 13, 2001
SK10/100E016
8-Bit Synchronous
Binary Up Counter
Description
.eatures
.unctional Block Diagram
The SK10/100E016 is a high-speed synchronous,
presettable, cascadable 8-bit binary counter.
The counter features internal feedback of TC*, gated by
the TCLD (terminal count load) pin. When TCLD is LOW
(or left open, in which case it is pulled LOW by the internal
pull-downs), the TC* feedback is disabled, and counting
proceeds continuously, with TC* going LOW to indicate
an all-one state. When TCLD is HIGH, the TC* feedback
causes the counter to automatically reload upon TC* =
LOW, thus functioning as a programmable counter. The
Qn outputs do not need to be terminated for the count
function to operate properly.
To minimize noise and
power, unused Q outputs should be left unterminated.
700 MHz Min Count Frequency
1000 ps CLK to Q, TC*
Internal TC* Feedback (Gated)
8-Bit
Fully Synchronous Counting and TC* Generation
Asynchronous Master Reset
Internal 75 k
Ω Input Pulldown Resistors
Extended 100E VEE Range of –4.2V to –5.46V
Fully Compatible with MC10/100E016
Available in 28-Pin PLCC Package
ESD Protection of >4000V
CE*
Q0*
BIT 1
BIT 0
BIT 7
CE*
Q0*
Q1*
Q4*
Q5*
Q6*
Q2*
Q3*
P1
P7
Q0
Q1
Q7
5
TC*
PE
TCLD
CE*
PO
MR
CLK
MASTER
SLAVE
QOM*
QOM
BITS 2-6
Note that this diagram is provided for understanding of logic operation only. It should not be used for propagation
delays as many gate functions are achieved internally without incurring a full gate delay.
8 Bit Binary Counter - Logic Counter


Similar Part No. - 100E016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
100E-1C-15.5 LITTELFUSE-100E-1C-15.5 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
100E-1C-15.5 LITTELFUSE-100E-1C-15.5 Datasheet
346Kb / 12P
   Medium Voltage Fuses
100E-1C-2.75 LITTELFUSE-100E-1C-2.75 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
100E-1C-2.75 LITTELFUSE-100E-1C-2.75 Datasheet
346Kb / 12P
   Medium Voltage Fuses
100E-1C-5.5 LITTELFUSE-100E-1C-5.5 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
More results

Similar Description - 100E016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com