Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC164A Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HC164A
Description  8-Bit Serial-Input/Parallel- Output Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC164A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74HC164A Datasheet HTML 2Page - ON Semiconductor MC74HC164A Datasheet HTML 3Page - ON Semiconductor MC74HC164A Datasheet HTML 4Page - ON Semiconductor MC74HC164A Datasheet HTML 5Page - ON Semiconductor MC74HC164A Datasheet HTML 6Page - ON Semiconductor MC74HC164A Datasheet HTML 7Page - ON Semiconductor MC74HC164A Datasheet HTML 8Page - ON Semiconductor MC74HC164A Datasheet HTML 9Page - ON Semiconductor MC74HC164A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC74HC164A
http://onsemi.com
6
PIN DESCRIPTIONS
INPUTS
A1, A2 (Pins 1, 2)
Serial Data Inputs. Data at these inputs determine the data
to be entered into the first stage of the shift register. For a
high level to be entered into the shift register, both A1 and
A2 inputs must be high, thereby allowing one input to be
used as a data−enable input. When only one serial input is
used, the other must be connected to VCC.
Clock (Pin 8)
Shift Register Clock. A positive−going transition on this
pin shifts the data at each stage to the next stage. The shift
register is completely static, allowing clock rates down to
DC in a continuous or intermittent mode.
OUTPUTS
QA − QH (Pins 3, 4, 5, 6, 10, 11, 12, 13)
Parallel Shift Register Outputs. The shifted data is
presented at these outputs in true, or noninverted, form.
CONTROL INPUT
Reset (Pin 9)
Active−Low, Asynchronous Reset Input. A low voltage
applied to this input resets all internal flip−flops and sets
Outputs QA − QH to the low level state.
SWITCHING WAVEFORMS
tf
VCC
GND
90%
50%
10%
tw
tPLH
tPHL
CLOCK
Q
tTLH
tTHL
Figure 1.
RESET
trec
Figure 2.
tr
1/fmax
90%
50%
10%
VCC
GND
VCC
GND
Q
CLOCK
50%
50%
50%
tPHL
tw
A1 OR A2
Figure 3.
VCC
GND
VCC
GND
50%
50%
CLOCK
tsu
th
VALID
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit


Similar Part No. - MC74HC164A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC164AD ONSEMI-MC74HC164AD Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC164AD ONSEMI-MC74HC164AD Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164AD ARTSCHIP-MC74HC164AD Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - MC74HC164A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift register
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com