Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC132A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC132A
Description  Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC132A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC132A_13 Datasheet HTML 1Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 2Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 3Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 4Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 5Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 6Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 7Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 8Page - ON Semiconductor MC74HC132A_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 15
1
Publication Order Number:
MC74HC132A/D
MC74HC132A
Quad 2-Input NAND Gate
with Schmitt-Trigger Inputs
High−Performance Silicon−Gate CMOS
The MC74HC132A is identical in pinout to the LS132. The device
inputs are compatible with standard CMOS outputs; with pull−up
resistors, they are compatible with LSTTL outputs.
The HC132A can be used to enhance noise immunity or to square up
slowly changing waveforms.
Features
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements as Defined by JEDEC
Standard No. 7A
Chip Complexity: 72 FETs or 18 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Pin Assignment
11
12
13
14
8
9
10
5
4
3
2
1
7
6
B3
Y4
A4
B4
VCC
Y3
A3
A2
Y1
B1
A1
GND
Y2
B2
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
Inputs
Output
AB
Y
LL
H
LH
H
HLH
HH
L
FUNCTION TABLE
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOIC−14
D SUFFIX
CASE 751A
14
1
HC132AG
AWLYWW
1
14
HC
132A
ALYWG
G
1
14
14
1
PDIP−14
N SUFFIX
CASE 646
MC74HC132AN
AWLYYWWG
1
14
(Note: Microdot may be in either location)


Similar Part No. - MC74HC132A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC132AD ONSEMI-MC74HC132AD Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
MC74HC132AD ONSEMI-MC74HC132AD Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
logo
Motorola, Inc
MC74HC132AD MOTOROLA-MC74HC132AD Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
ON Semiconductor
MC74HC132ADG ONSEMI-MC74HC132ADG Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
MC74HC132ADG ONSEMI-MC74HC132ADG Datasheet
250Kb / 10P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2021-Rev. 17
More results

Similar Description - MC74HC132A_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
IN74HCT132A INTEGRAL-IN74HCT132A Datasheet
127Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
ON Semiconductor
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
logo
Fairchild Semiconductor
DM74LS132 FAIRCHILD-DM74LS132 Datasheet
57Kb / 5P
   Quad 2-Input NAND Gate with Schmitt Trigger Input
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com