Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14514B Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14514B
Description  4-Bit Transparent Latch / 4-to-16 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14514B Datasheet(HTML) 5 Page - ON Semiconductor

  MC14514B Datasheet HTML 1Page - ON Semiconductor MC14514B Datasheet HTML 2Page - ON Semiconductor MC14514B Datasheet HTML 3Page - ON Semiconductor MC14514B Datasheet HTML 4Page - ON Semiconductor MC14514B Datasheet HTML 5Page - ON Semiconductor MC14514B Datasheet HTML 6Page - ON Semiconductor MC14514B Datasheet HTML 7Page - ON Semiconductor MC14514B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14514B, MC14515B
http://onsemi.com
5
Figure 2. Dynamic Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
CL
CL
VDD
VDD
VSS
S0
S15
12
24
ID
0.01
mF
CERAMIC
500
mF
VDD
VSS
Vin
20 ns
20 ns
90%
10%
STROBE
D1
D2
D3
D4
INHIBIT
Figure 3. Switching Time Test Circuit and Waveforms
PROGRAMMABLE
PULSE
GENERATOR
VDD
STROBE
INHIBIT
D1
D2
D3
D4
CL
VDD
VSS
VDD
VSS
S0
S1
S15
VSS
CL
CL
INPUT
OUTPUT
tTLH
tTLH
tTHL
tTHL
tPHL
tPLH
20 ns
OUTPUT S0
OUTPUT S1
OUTPUT S15
90%
50%
10%
90%
50%
10%


Similar Part No. - MC14514B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
MC14514B ONSEMI-MC14514B Datasheet
114Kb / 8P
   4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
June, 2006 ??Rev. 6
MC14514BCP ONSEMI-MC14514BCP Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
MC14514BCP ONSEMI-MC14514BCP Datasheet
114Kb / 8P
   4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
June, 2006 ??Rev. 6
MC14514BCPG ONSEMI-MC14514BCPG Datasheet
114Kb / 8P
   4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
June, 2006 ??Rev. 6
More results

Similar Description - MC14514B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com